Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8PS-16B Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 16Page - Omron Electronics LLC H8PS-16B Datasheet HTML 17Page - Omron Electronics LLC H8PS-16B Datasheet HTML 18Page - Omron Electronics LLC H8PS-16B Datasheet HTML 19Page - Omron Electronics LLC H8PS-16B Datasheet HTML 20Page - Omron Electronics LLC H8PS-16B Datasheet HTML 21Page - Omron Electronics LLC H8PS-16B Datasheet HTML 22Page - Omron Electronics LLC H8PS-16B Datasheet HTML 23Page - Omron Electronics LLC H8PS-16B Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
H8PS
20
Operating Procedures
■ Flow of Operation
■ Settings for Basic Functions
Changing the Mode
Programming Mode
Used to write cam programs, set the advance angle compensation
function, etc.
All outputs will remain OFF.
Test Mode
Used to write cam programs, set the advance angle compensation
function, and perform other operations while actually turning ON
outputs to confirm operation timing. This mode is also used to adjust
settings during operation.
Run Mode
Used for normal operation. Settings, such as writing cam programs
and setting the advance angle compensation function, cannot be
performed.
The Encoder resolution and rotation direction is set on a DIP switch.
➾ For details on the setting methods, refer to page 21.
The Encoder is mounted to the machine and the origin for operation is determined.
➾ For details on the setting methods, refer to page 21.
Parameters can be set in Function Setting Mode to perform more advanced operations.
➾ For details, refer to page 26 Advanced Functions.
The machine is operated and outputs are actually made to check the timing of operation.
If the timing of operation is not correct, it can be changed.
➾ For details, refer to page 23.
The ON/OFF angles that have been set can be checked.
➾ For details, refer to page 24.
Deletes settings. There are two methods that can be used to delete settings.
• Clearing all programs (deletes all programming)
• Clearing individual steps, cams, and banks
➾ For details, refer to page 25.
There are three methods that can be used to set or change ON/OFF angles (i.e., cam programming).
• Using the ANGLE Keys (Manual Mode)
• Actually turning the Encoder (Teaching Mode)
• Setting from personal computer using Support Software (order separately)
➾ For details on the setting methods, refer to pages 22 to 23.
Advanced
function
Advance angle compensation (ADV) function can be set if required.
➾ For details on the setting methods, refer to page 27.
Operation is started.
➾ For details, refer to page 24.
Advanced
function
Setting the Origin
Setting ON/OFF Angles
Setting the ADV Function
Checking ON/OFF Angle Settings
Initial Settings
Programming Cams (Programming Mode)
Checking Timing (Test Mode)
Operation (Run Mode)
Clearing Settings
Setting Functions
Setting Resolution and
Rotation Direction
PRG
TST
RUN
PRG
TST
RUN
PRG
TST
RUN
All Protection
Switching the Angle
and Speed Display
Disables all keys
and switches.
will light when the all
protection function is
enabled.
➾ Refer to page 24.
Main Display: Angle
Sub-display: Speed
↓ ↑
Main Display: Speed
Sub-display: Angle
➾ Refer to page 24.
Test Mode
Run Mode
PRG
RUN
TST
Changed with the mode switch.
Changed with the mode switch.
Key
1 s min.
ADV
Key
5 s min.
ON/OFF
Programming Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com