Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS574MLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS574MLFT
Description  ZERO DELAY, LOW SKEW BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS574MLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS574MLFT Datasheet HTML 1Page - Integrated Device Technology ICS574MLFT Datasheet HTML 2Page - Integrated Device Technology ICS574MLFT Datasheet HTML 3Page - Integrated Device Technology ICS574MLFT Datasheet HTML 4Page - Integrated Device Technology ICS574MLFT Datasheet HTML 5Page - Integrated Device Technology ICS574MLFT Datasheet HTML 6Page - Integrated Device Technology ICS574MLFT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
ZERO DELAY, LOW SKEW BUFFER
ICS574
IDT™/ ICS™ ZERO DELAY, LOW SKEW BUFFER
1
ICS574
REV G 051310
Description
The ICS574 is a low jitter, low-skew, high performance
PLL-based zero delay buffer for high speed applications.
Based on IDT’s proprietary low jitter Phase Locked Loop
(PLL) techniques, the device provides four low skew
outputs at speeds up to 160 MHz at 3.3 V. When one of the
outputs is connected directly to FBIN, the rising edge of
each output is aligned with the rising edge of the input
clock. External delay elements connected in the feedback
loops will cause the outputs to occur before the inputs by
the amount of propagation delay of the external element.
Features
Packaged in 8 pin narrow SOIC, Pb (lead) free
Zero input-to-output delay
Four 1X outputs
Output to output skew is less than 150 ps
Output clocks up to 160 MHz at 3.3 V
External feedback path for output edge placement
Spread Smart™ technology works with spread spectrum
clock generators
Full CMOS outputs with 18 mA output drive capability at
TTL levels at 3.3 V
Advanced, low power, sub-micron CMOS process
Operating voltage from 3.0 to 5.5 V
Industrial temperature version available
Block Diagram
PLL
FBIN
CLKIN
CLK1
CLK2
CLK3
CLK4


Similar Part No. - ICS574MLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574M ICST-ICS574M Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS574MT ICST-ICS574MT Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
More results

Similar Description - ICS574MLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com