Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

91305AMILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 91305AMILF
Description  HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

91305AMILF Datasheet(HTML) 1 Page - Integrated Device Technology

  91305AMILF Datasheet HTML 1Page - Integrated Device Technology 91305AMILF Datasheet HTML 2Page - Integrated Device Technology 91305AMILF Datasheet HTML 3Page - Integrated Device Technology 91305AMILF Datasheet HTML 4Page - Integrated Device Technology 91305AMILF Datasheet HTML 5Page - Integrated Device Technology 91305AMILF Datasheet HTML 6Page - Integrated Device Technology 91305AMILF Datasheet HTML 7Page - Integrated Device Technology 91305AMILF Datasheet HTML 8Page - Integrated Device Technology 91305AMILF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
HIGH PERFORMANCE COMMUNICATION BUFFER
ICS91305I
IDT® HIGH PERFORMANCE COMMUNICATION BUFFER
1
ICS91305I
REV G 090612
Description
The ICS91305I is a high performance, low skew, low jitter
clock driver. It uses a phase lock loop (PLL) technology to
align, in both phase and frequency, the REF input with the
CLKOUT signal. It is designed to distribute high speed
clocks in communication systems operating at speeds from
10 to 133 MHz.
ICS91305I is a zero delay buffer that provides
synchronization between the input and output. The
synchronization is established via CLKOUT feed back to the
input of the PLL. Since the skew between the input and
output is less than +/- 350 pS, the part acts as a zero delay
buffer.
The ICS91305I comes in an eight pin 150 mil SOIC
package. It has five output clocks. In the absence of REF
input, will be in the power down mode. In this mode, the PLL
is turned off and the output buffers are pulled low. Power
down mode provides the lowest power consumption for a
standby condition.
Features
• Zero input - output delay
• Frequency range 10 - 133 MHz (3.3V)
• 5V tolerant input REF
• High loop filter bandwidth ideal for Spread Spectrum
applications
• Less than 200 ps Jitter between outputs
• Skew controlled outputs
• Skew less than 250 ps between outputs
• Available in 8 pin 150 mil SOIC & 173 mil TSSOP
packages
• 3.3V ±10% operation
• Supports industrial temperature range -40°C to 85°C
Block Diagram


Similar Part No. - 91305AMILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
91305AMILF RENESAS-91305AMILF Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
91305AMILFT RENESAS-91305AMILFT Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
More results

Similar Description - 91305AMILF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W232 CYPRESS-W232 Datasheet
139Kb / 5P
Ten Output Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS91309 ICST-ICS91309 Datasheet
106Kb / 9P
High performance Communication Buffer
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
XRK39653_0611 EXAR-XRK39653_0611 Datasheet
218Kb / 9P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Cypress Semiconductor
W232 CYPRESS-W232_02 Datasheet
106Kb / 6P
Ten Output Zero Delay Buffer
W232-09XT CYPRESS-W232-09XT Datasheet
326Kb / 6P
Ten Output Zero Delay Buffer
logo
Integrated Device Techn...
ICS574 IDT-ICS574 Datasheet
168Kb / 7P
Zero input-to-output delay
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com