Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2937 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  Output Current in Excess of 500 mA, Output Trimmed for 5% Tolerance Under all Operating Conditions
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 6Page - Texas Instruments LM2937 Datasheet HTML 7Page - Texas Instruments LM2937 Datasheet HTML 8Page - Texas Instruments LM2937 Datasheet HTML 9Page - Texas Instruments LM2937 Datasheet HTML 10Page - Texas Instruments LM2937 Datasheet HTML 11Page - Texas Instruments LM2937 Datasheet HTML 12Page - Texas Instruments LM2937 Datasheet HTML 13Page - Texas Instruments LM2937 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM2937
SNVS100E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
If two capacitors are paralleled, the effective ESR is the parallel of the two individual values. The “flatter” ESR of
the Tantalum will keep the effective ESR from rising as quickly at low temperatures.
HEATSINKING
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible operating conditions, the junction temperature must be within the range
specified under Absolute Maximum Ratings.
To determine if a heatsink is required, the power dissipated by the regulator, PD, must be calculated.
The figure below shows the voltages and currents which are present in the circuit, as well as the formula for
calculating the power dissipated in the regulator:
IIN = IL + IG
PD = (VIN − VOUT) IL + (VIN) IG
Figure 25. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR (max). This is
calculated by using the formula:
TR (max) = TJ(max) − TA (max)
where
TJ (max) is the maximum allowable junction temperature, which is 125°C for commercial grade parts
TA (max) is the maximum ambient temperature which will be encountered in the application
(1)
Using the calculated values for TR(max) and PD, the maximum allowable value for the junction-to-ambient
thermal resistance,
θ(J−A), can now be found:
θ(J−A) = TR (max)/PD
(2)
IMPORTANT: If the maximum allowable value for
θ(J−A) is found to be ≥ 53°C/W for the TO-220 package, ≥
80°C/W for the DDPAK/TO-263 package, or
≥174°C/W for the SOT-223 package, no heatsink is needed since
the package alone will dissipate enough heat to satisfy these requirements.
If the calculated value for
θ(J−A) falls below these limits, a heatsink is required.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com