Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XR3172EID-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XR3172EID-F
Description  3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3172EID-F Datasheet(HTML) 2 Page - Exar Corporation

  XR3172EID-F Datasheet HTML 1Page - Exar Corporation XR3172EID-F Datasheet HTML 2Page - Exar Corporation XR3172EID-F Datasheet HTML 3Page - Exar Corporation XR3172EID-F Datasheet HTML 4Page - Exar Corporation XR3172EID-F Datasheet HTML 5Page - Exar Corporation XR3172EID-F Datasheet HTML 6Page - Exar Corporation XR3172EID-F Datasheet HTML 7Page - Exar Corporation XR3172EID-F Datasheet HTML 8Page - Exar Corporation XR3172EID-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
FIGURE 2. PIN OUT ASSIGNMENT
NC
NC
VCC
2
1
3
4
5
6
78
9
10
11
12
13
14
DI
NC
RO
RE
DE
GND
GND
Y
Z
B
A
2
1
3
45
6
7
8
VCC
RO
DI
GND
A
B
Z
Y
2
1
3
45
6
7
8
8-Pin NSOIC
Half Duplex
XR3172E
XR3175E
XR3178E
RO
RE
DE
DI
GND
A
B
VCC
8-Pin NSOIC
Full Duplex
XR3171E
XR3174E
XR3177E
14-Pin NSOIC
Full Duplex
XR3170E
XR3173E
XR3176E
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XR3170EID
14-pin Narrow SOIC
-40°C to +85°C
Active
XR3171EID
8-pin Narrow SOIC
-40°C to +85°C
Active
XR3172EID
8-pin Narrow SOIC
-40°C to +85°C
Active
XR3173EID
14-pin Narrow SOIC
-40°C to +85°C
Active
XR3174EID
8-pin Narrow SOIC
-40°C to +85°C
Active
XR3175EID
8-pin Narrow SOIC
-40°C to +85°C
Active
XR3176EID
14-pin Narrow SOIC
-40°C to +85°C
Active
XR3177EID
8-pin Narrow SOIC
-40°C to +85°C
Active
XR3178EID
8-pin Narrow SOIC
-40°C to +85°C
Active
XR3170E-3178E
2
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
REV. 1.0.0
Note: Please visit www.exar.com for tape and reel option part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com