Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1746P/YP/WP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1746P/YP/WP
Description  PowerCap with Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1746P/YP/WP Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1746P/YP/WP Datasheet HTML 1Page - Maxim Integrated Products DS1746P/YP/WP Datasheet HTML 2Page - Maxim Integrated Products DS1746P/YP/WP Datasheet HTML 3Page - Maxim Integrated Products DS1746P/YP/WP Datasheet HTML 4Page - Maxim Integrated Products DS1746P/YP/WP Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS9034PCX PowerCap with Crystal
3 of 4
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character,
but the drawing pertains to the package regardless of RoHS status.
ATTENTION: BATTERY COMPONENT
The DS9034PCX contains a lithium battery. Do not short, ground, or apply external voltages to the electrical
portions of this device. Do not expose to temperatures over +85°C. Do not subject this device to any type of
cleaning process. Store only in nonconductive containers. Failure to observe these precautions may result in
battery discharge or decreased battery life.
PKG
INCHES
DIM
MIN
MON
MAX
A
0.845
0.850
0.855
B
0.955
0.960
0.965
C
0.213
0.223
0.233
D
0.065
0.070
0.075
E
0.065
0.070
0.075



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com