Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCE12M0G55Z-R0 Datasheet(PDF) 43 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G55Z-R0
Description  Ceramic Resonators (CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G55Z-R0 Datasheet(HTML) 43 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G55Z-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Packaging for General Usage -MHz Lead Type-
Part Number
Ammo Pack
(pcs.)
The order quantity should be an integral multiple of the "Minimum Quantity" shown above.
Bulk
500
500
CSTLS_G (3.40 to 10.0MHz)
2,000
CSTLS_X (16.00 to 70.00MHz)
2,000
c Minimum Quantity
(in mm)
Width of diameter
Height of resonator
Dimensions of terminal
Lead length under the hold down tape
Pitch of component
Pitch of sprocket hole
Length from sprocket hole center to lead
Length from sprocket hole center to
component center
Lead spacing (I)
Lead spacing (II)
Slant forward or backward
Width of carrier tape
Width of hold down tape
Position of sprocket hole
Gap of hold down tape and carrier tape
Distance between the center of
sprocket hole and lead stopper
Total height of resonator
Diameter of sprocket hole
Total tape thickness
Body tilt
Item
Code
Dimensions
Tolerance
Remarks
D
A
d
L1
P
P0
P1
P2
F1
F2
dh
W
W0
W1
W2
H0
H1
D0
t
dS
8.0
5.5
ø0.48
5.0 min.
12.7
12.7
3.85
6.35
2.5
2.5
0
18.0
6.0 min.
9.0
0
18.0
23.5
ø4.0
0.6
0
±1.0
±0.5
±0.05
–
±0.5
±0.2
±0.5
±0.5
±0.2
±0.2
±1.0
±0.5
–
±0.5
±0.5
±1.0
±0.2
±0.2
±1.0
Tolerance for Pitches 10xP0=127±1
1mm max.
Hold down tape does not exceed the carrier tape.
W0.5
Y0
M
∗
M
∗
∗∗
∗∗
P2
D
P
dS
D0
t
P0
P1
F1 F2
Direction of Feed
dh dh
d
c Tape Dimensions of CSTLS_G
Continued on the following page.
P16E.pdf
Nov.22,2012
41
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com