Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT66F017L Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66F017L
Description  0.9V Battery Flash A/D Type 8-Bit MCU
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F017L Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66F017L Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F017L Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
Rev. 1.00
8
���� 0�� �01�
Rev. 1.00
9
���� 0�� �01�
HT66F016L/HT66F017L
0.9V Battery Flash A/D Type 8-Bit MCU
Block Diagram
Fl as h/ EEP RO M
Pr ogr a mmi ng
Ci rc ui tr y
Wa tc hdog
Ti me r
8- bi t
RI SC
MC U
Co re
In te r nal
Re se t C ir cu it
In te rr upt
C ont ro lle r
Ex te rn al
Cr yst al
O sc illa to r
12- Bi t A/ D
C onv er te r
In te r nal R C
O sc ill at or s
St ac k
EEPR OM
Da ta
Me mo ry
Fl as h
Pr ogr am
Me mo ry
RA M
Da ta
Me mo ry
Ti me r
M odul es
Low
Vo lt age
Re se t
Low
Vo lt age
De te ct
Co mp ar at or
Ti me B as e
I/O
DC /D C
C onv er te r
Pin Assignment
HT66F016L/HT66F017L
16 NSOP-A
PB�
PB�
PA7/[TCK0/TP1]/ICPCK/OCDSCK
PA�/[INT1]/TCK0/TP1
PA5/INT1/[TP0]/OSC�
PA6/[TCK0/TP1]/OSC1
VDD/AVDD/VOUT
LX
16
15
1�
1�
1�
11
10
9
1
�
�
�
5
6
7
8
PB�/CX_�
PB1/[TCK0/TP1]
PB0/[TP0]
PA�/INT0/TCK1/TP0/CX_1/AN�
PA�/[INT0]/[TCK1]/[TP0]/CX_0/AN�/ICPDA/OCDSDA
PA1/C-/AN1/VREF
PA0/C+/AN0
VSS/AVSS
Note:1.Bracketedpinnamesindicatenon-defaultpinoutremappinglocations.
2.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,itspinnamesattherightsideofthe
“/”signcanbeusedforhigherpriority.
3.VDDandAVDDmeanstheVDDandAVDDarethedoublebonding.
4.VSSandAVSSmeanstheVSSandAVSSarethedoublebonding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com