Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2B6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 106Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 107Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 108Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 109Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 110Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 111Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 112Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 113Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 166 page
background image
Instruction set
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
110/166
Doc ID 8349 Rev 5
12
Instruction set
12.1
ST7 addressing modes
The ST7 Core features 17 different addressing modes which can be classified in seven main
groups:
:
The ST7 Instruction set is designed to minimize the number of bytes required per
instruction: To do so, most of the addressing modes may be subdivided in two submodes
called long and short:
●
Long addressing mode is more powerful because it can use the full 64 Kbyte address
space, however it uses more bytes and more CPU cycles.
●
Short addressing mode is less powerful because it can generally only access page
zero (0000h00FFh range), but the instruction size is more compact, and faster. All
memory to memory instructions use short addressing modes only (CLR, CPL, NEG,
BSET, BRES, BTJT, BTJF, INC, DEC, RLC, RRC, SLL, SRL, SRA, SWAP).
The ST7 Assembler optimizes the use of long and short addressing modes.
Table 48.
Addressing mode groups
Addressing mode
Example
Inherent
nop
Immediate
ld A,#$55
Direct
ld A,$55
Indexed
ld A,($55,X)
Indirect
ld A,([$55],X)
Relative
jrne loop
Bit operation
bset byte,#5
Table 49.
ST7 addressing mode overview
Mode
Syntax
Destination/
source
Pointer
address (Hex.)
Pointer
size (Hex.)
Length (bytes)
Inherent
−−
nop
−−
−
+ 0
Immediate
−−
ld A,#$55
−−
−
+ 1
Short
Direct
−
ld A,$10
00..FF
−−
+ 1
Long
Direct
−
ld A,$1000
0000..FFFF
−−
+ 2
No offset
Direct
Indexed ld A,(X)
00..FF
−−
+ 0 (with x register)
+ 1 (with Y register)
Short
Direct
Indexed ld A,($10,X)
00..1FE
−−
+ 1
Long
Direct
Indexed ld A,($1000,X)
0000..FFFF
−−
+ 2
Short
Indirect
−
ld A,[$10]
00..FF
00..FF
byte
+ 2
Long
Indirect
−
ld A,[$10.w]
0000..FFFF
00..FF
word
+ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com