Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2B6 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 109Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 110Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 111Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 112Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 113Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 114Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 115Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 116Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Instruction set
Doc ID 8349 Rev 5
113/166
12.1.5
Indirect (short, long)
The required data byte to do the operation is found by its memory address, located in
memory (pointer).
The pointer address follows the opcode. The indirect addressing mode consists of two
submodes:
●
Indirect (short)
The pointer address is a byte, the pointer size is a byte, thus allowing 00 - FF
addressing space, and requires 1 byte after the opcode.
●
Indirect (long)
The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte
addressing space, and requires 1 byte after the opcode.
12.1.6
Indirect indexed (short, long)
This is a combination of indirect and short indexed addressing modes. The operand is
referenced by its memory address, which is defined by the unsigned addition of an index
register value (X or Y) with a pointer value located in memory. The pointer address follows
the opcode.
The indirect indexed addressing mode consists of two submodes:
●
Indirect indexed (short)
The pointer address is a byte, the pointer size is a byte, thus allowing 00 - 1FE
addressing space, and requires 1 byte after the opcode.
●
Indirect indexed (long)
The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte
addressing space, and requires 1 byte after the opcode.
I
I
Table 52.
Long and short instructions supporting direct, indexed, indirect and
indirect indexed addressing modes
Long and short instructions
Function
LD
Load
CP
Compare
AND, OR, XOR
Logical operations
ADC, ADD, SUB, SBC
Arithmetic Additions/Subtractions operations
BCP
Bit Compare
Table 53.
Short instructions supporting direct, indexed, indirect and indirect
indexed addressing modes
Short instructions only
Function
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com