Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2B6 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 152Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 153Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 154Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 155Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 156Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 157Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 158Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 159Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 166 page
background image
Device configuration
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
156/166
Doc ID 8349 Rev 5
15.3
Development tools
STMicroelectronics offers a range of hardware and software development tools for the ST7
microcontroller family. Full details of tools available for the ST7 from third party
manufacturers can be obtained from the STMicroelectronics Internet site: http//www.st.com.
Tools from these manufacturers include C compliers, evaluation tools, emulators and
programmers.
Emulators
Two types of emulators are available from ST for the ST7LITE2 family (refer to Table 99):
●
ST7 DVP3 entry-level emulator offers a flexible and modular debugging and
programming solution. SO20 packages need a specific connection kit.
●
ST7 EMU3 high-end emulator is delivered with everything (probes, TEB, adapters etc.)
needed to start emulating the ST7LITE2. To configure it to emulate other ST7 subfamily
devices, the active probe for the ST7EMU3 can be changed and the ST7EMU3 probe
is designed for easy interchange of TEBs (Target Emulation Board).
In-circuit debugging kit
Two configurations are available from ST:
●
ST7FLIT2-IND/USB: Low-cost In-Circuit Debugging kit from Softec Microsystems.
Includes STX-InDART/USB board (USB port) and a specific demo board for
ST7FLITE29 (DIP16) (a promotion package of 15 STFLIT2-IND/USB can be ordered
with the following order code: STFLIT2-IND/15)
●
STxF-INDART/USB (a promotion package of 15 STxF-INDART/USB can be ordered
with the following order code: STxF-INDART)
Flash programming tools
●
ST7-STICK ST7 In-circuit Communication Kit, a complete software/hardware package
for programming ST7 Flash devices. It connects to a host PC parallel port and to the
target board or socket board via ST7 ICC connector.
●
ICC Socket Boards provide an easy to use and flexible means of programming ST7
Flash devices. They can be connected to any tool that supports the ST7 ICC interface,
such as ST7 EMU3, ST7-DVP3, inDART, ST7-STICK, or many third-party development
tools.
Evaluation boards
One evaluation tool is available from ST:
●
ST7FLIT2-COS/COM: STReal time starter kit from Cosmic software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com