Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2B6 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 153Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 154Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 155Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 156Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 157Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 158Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 159Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 160Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Device configuration
Doc ID 8349 Rev 5
157/166
15.4
Application notes
Table 99.
STMicroelectronics development tools
Supported
Products
Emulation
Programming
ST7 DVP3 Series
ST7 EMU3 series
ICC Socket
Board
Emulator
Connection kit
Emulator
Active Probe &
T.E.B.
ST7FLITE20
ST7FLITE25
ST7FLITE29
ST7MDT10-DVP3
ST7MDT10-20/
DVP
ST7MDT10-EMU3
ST7MDT10-TEB
ST7SB10/123(1)
1.
Add suffix /EU, /UK, /US for the power supply of your region.
Table 100. ST7 application notes
Identification
Description
Application examples
AN1658
Serial Numbering Implementation
AN1720
Managing the Read-out Protection in Flash Microcontrollers
AN1755
A High Resolution/Precision thermometer using ST7 and NE555
AN1756
Choosing a DALI Implementation Strategy with ST7DALI
AN1812
A High Precision, Low Cost, Single Supply ADC for Positive and Negative Input Voltages
Example drivers
AN 969
SCI Communication Between ST7 and PC
AN 970
SPI Communication Between ST7 and EEPROM
AN 971
I²C Communication Between ST7 and M24Cxx EEPROM
AN 972
ST7 Software SPI Master Communication
AN 973
SCI Software Communication with a PC Using ST72251 16-Bit Timer
AN 974
Real Time Clock with ST7 Timer Output Compare
AN 976
Driving a Buzzer Through ST7 Timer PWM Function
AN 979
Driving An Analog Keyboard with the ST7 ADC
AN 980
ST7 Keypad Decoding Techniques, Implementing wakeup on Keystroke
AN1017
Using the ST7 Universal Serial Bus Microcontroller
AN1041
Using ST7 PWM Signal to Generate Analog Output (Sinusoïd)
AN1042
ST7 Routine for I²C Slave Mode Management
AN1044
Multiple Interrupt Sources Management for ST7 MCUs
AN1045
ST7 S/W Implementation of I²C Bus Master
AN1046
UART Emulation Software
AN1047
Managing Reception Errors with the ST7 SCI Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com