Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP3NK90ZFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP3NK90ZFP
Description  N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK90ZFP Datasheet(HTML) 4 Page - STMicroelectronics

  STP3NK90ZFP Datasheet HTML 1Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 2Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 3Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 4Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 5Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 6Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 7Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 8Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STD3NK90Z, STP3NK90Z, STP3NK90ZFP
4/20
Doc ID 9193 Rev 2
2
Electrical characteristics
(Tcase =25°C unless otherwise specified)
Table 5.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS= 0
900
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 900 V
VDS = 900 V, Tj=125 °C
1
50
µA
µA
IGSS
Gate body leakage
current (VDS = 0)
VGS = ±20 V, VDS = 0
±
10
µA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 1.5 A
4.1
4.8
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward
transconductance
VDS =15 V, ID = 1.5 A
-
2.7
-
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz, VGS=0
-
590
63
13
-
pF
pF
pF
Coss eq
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80%
Equivalent ouput
capacitance
VGS=0, VDS =0 V to 400 V
-
34
-
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=720 V, ID = 3 A
VGS =10 V see (Figure 18)
-
22.7
4.2
12
-
nC
nC
nC
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=450 V, ID= 1.5 A,
RG=4.7 Ω, VGS=10 V
see (Figure 17)
-
18
7
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=720 V, ID= 1.5 A,
RG=4.7 Ω, VGS=10 V
see (Figure 17)
-
45
18
-
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com