Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3U6C Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 47Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 48Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 49Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 50Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 51Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 52Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 53Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 54Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
Supply current characteristics
9.3.2
The current consumption is measured as described in Pin input voltage.
Total current consumption in run mode
9.3.2.1
The MCU is placed under the following conditions:
• All I/O pins in input mode with a static value at VDD or VSS (no load)
• All peripherals are disabled (clock stopped by peripheral clock gating registers) except if
explicitly mentioned.
Subject to general operating conditions for VDD and TA.
Table 20: Total current consumption with code execution in run mode at VDD = 5 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
mA
2.3
HSE crystal osc. (16 MHz)
fCPU = fMASTER =
16 MHz
Supply current
in run mode,
code executed
from RAM
IDD(RUN)
2.35
2
HSE user ext. clock (16 MHz)
2
1.7
HSI RC osc. (16 MHz)
0.86
HSE user ext. clock (16 MHz)
fCPU = fMASTER/128 =
125 kHz
0.87
0.7
HSI RC osc. (16 MHz)
0.58
0.46
HSI RC osc. (16 MHz/8)
fCPU = fMASTER/128 =
15.625 kHz
0.55
0.41
LSI RC osc. (128 kHz)
fCPU = fMASTER =
128 kHz
4.5
HSE crystal osc. (16 MHz)
fCPU = fMASTER =
16 MHz
Supply current
in run mode,
code executed
from Flash
4.75
4.3
HSE user ext. clock (16 MHz)
4.5
3.7
HSI RC osc. (16 MHz)
mA
1.05
0.84
HSI RC osc. (16 MHz/8)
(2)
fCPU = fMASTER =
2 MHz
Supply current
in run mode,
code executed
from Flash
IDD(RUN)
0.9
0.72
HSI RC osc. (16 MHz)
fCPU = fMASTER/128 =
125 kHz
0.58
0.46
HSI RC osc. (16 MHz/8)
fCPU = fMASTER/128 =
15.625 kHz
0.57
0.42
LSI RC osc. (128 kHz)
fCPU = fMASTER =
128 kHz
51/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com