Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFS3307PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS3307PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3307PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS3307PBF Datasheet HTML 1Page - International Rectifier IRFS3307PBF Datasheet HTML 2Page - International Rectifier IRFS3307PBF Datasheet HTML 3Page - International Rectifier IRFS3307PBF Datasheet HTML 4Page - International Rectifier IRFS3307PBF Datasheet HTML 5Page - International Rectifier IRFS3307PBF Datasheet HTML 6Page - International Rectifier IRFS3307PBF Datasheet HTML 7Page - International Rectifier IRFS3307PBF Datasheet HTML 8Page - International Rectifier IRFS3307PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFB/S/SL3307PbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Package limitation current is 75A.
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.096mH
RG = 25, IAS = 75A, VGS =10V. Part not recommended for use
above this value.
„ ISD  75A, di/dt  530A/μs, VDD V(BR)DSS, TJ  175°C.
… Pulse width  400μs; duty cycle  2%.
S
D
G
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom mended
footprint and soldering techniques refer to application note #AN-994.
‰ Ris measured at TJ approximately 90°C.
Š RJC (end of life) for D2Pak and TO-262 = 0.75°C/W. Note: This is the
maximum measured value after 1000 temperature cycles from -55 to 150°C
and is accounted for by the physical wearout of the die attach medium.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.069 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.0
6.3
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
RG
Gate Input Resistance
–––
1.5
–––
f = 1MHz, open drain
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
98
–––
–––
S
Qg
Total Gate Charge
–––
120
180
nC
Qgs
Gate-to-Source Charge
–––
35
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
46
–––
td(on)
Turn-On Delay Time
–––
26
–––
ns
tr
Rise Time
–––
120
–––
td(off)
Turn-Off Delay Time
–––
51
–––
tf
Fall Time
–––
63
–––
Ciss
Input Capacitance
–––
5150 –––
pF
Coss
Output Capacitance
–––
460
–––
Crss
Reverse Transfer Capacitance
–––
250
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) –––
570
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)h –––
700
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 130
™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
510
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
dv/dt
Peak Diode Recovery
–––
11
–––
V/ns
trr
Reverse Recovery Time
–––
38
57
ns
TJ = 25°C
VR = 64V,
–––
46
69
TJ = 125°C
IF = 75A
Qrr
Reverse Recovery Charge
–––
65
98
nC TJ = 25°C
di/dt = 100A/μs
g
–––
86
130
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.8
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
TJ = 25°C, IS = 75A, VGS = 0V g
integral reverse
p-n junction diode.
VGS = 0V, VDS = 0V to 60V h,See Fig. 5
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mAd
VGS = 10V, ID = 75A g
VDS = VGS, ID = 150μA
VDS = 75V, VGS = 0V
VDS = 75V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 60V
Conditions
VGS = 10V g
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 60V i, See Fig.11
Conditions
VDS = 50V, ID = 75A
ID = 75A
VGS = 20V
VGS = -20V
TJ = 175°C, IS = 75A, VDS = 75V f
ID = 75A
RG = 3.9
VGS = 10V g
VDD = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com