Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY3207ISSP Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY3207ISSP
Description  In-System Serial Programming (ISSP) Guide
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3207ISSP Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY3207ISSP Datasheet HTML 5Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 6Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 7Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 8Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 9Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 10Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 11Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 12Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISSP Guide, Spec. # 001-15301 Rev. **
9
2.
Software Installation
The software can be installed from the CD-ROM included in the box or from the Cypress Semicon-
ductor web site at www.cypress.com.
2.1
Supported Operating Systems
■
Windows 2000
■
Windows XP
■
Windows Vista (32 bit)
2.2
CD Installation
2.2.1
Windows 2000/XP CD Installation
If the ISSP software has previously been installed, you must run the install program twice. The first
time uninstalls the previous version. The second run installs the new version. To install the ISSP soft-
ware, perform the following procedure.
1. Place the CD-ROM in the CD drive. The software installer should start automatically.
If the CD-ROM does not run or to run it a second time, browse to My Computer and double click
the CD-ROM icon labeled ISSP 1.80.
2. Follow the on-screen instructions to complete the installation.
2.2.2
Windows Vista (32 Bit) CD Installation
Follow these instructions for installing ISSP Software on computers running Windows Vista.
Note: ISSP Software must be installed in Windows 2000 compatibility mode, and run in Windows
2000 compatibilty mode.
Do not install from autorun installer, when installer starts automaticially upon CD insertion cancel
the installation.
a. Browse to My Computer and double-click the CD-ROM icon labled ISSP 1.89.
b. Right-click on Setup, and select Properties.
c. Click the Compatibilty tab.
d. Check Run this program in compatiblity mode for.
e. Select Windows 2000 from the drop down menu.
f. Click Apply
g. Click OK.
h. Double-click on Setup and follow on screen prompts.
i.
Vista will warn that drivers are unsigned; click OK.
j.
Once installed browse to c:\Programs Files\Cypress MicroSystems\ISSP\
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com