Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1501 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC12F1501
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1501 Datasheet(HTML) 4 Page - Microchip Technology

  PIC12F1501 Datasheet HTML 1Page - Microchip Technology PIC12F1501 Datasheet HTML 2Page - Microchip Technology PIC12F1501 Datasheet HTML 3Page - Microchip Technology PIC12F1501 Datasheet HTML 4Page - Microchip Technology PIC12F1501 Datasheet HTML 5Page - Microchip Technology PIC12F1501 Datasheet HTML 6Page - Microchip Technology PIC12F1501 Datasheet HTML 7Page - Microchip Technology PIC12F1501 Datasheet HTML 8Page - Microchip Technology PIC12F1501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 340 page
background image
PIC16(L)F1503
DS41607A-page 4
Preliminary
 2011 Microchip Technology Inc.
Peripheral Features (Continued):
• Numerically Controlled Oscillator (NCO):
- 20-bit accumulator
- 16-bit increment
- True linear frequency control
- High-speed clock input
- Selectable Output modes
- Fixed Duty Cycle (FDC)
- Pulse Frequency Mode (PFM)
• Complementary Waveform Generator (CWG):
- 8 selectable signal sources
- Selectable falling and rising edge dead-band
control
- Polarity control
- 4 auto-shutdown sources
- Multiple input sources: PWM, CLC, NCO
PIC12(L)F1501/PIC16(F)L150x Family Types
FIGURE 1:
14-PIN PDIP, SOIC, TSSOP DIAGRAM FOR PIC16(L)F1503
Device
PIC12(L)F1501
(1)
1024
64
6
4
1
1
2/1
4
1
2
1
PIC16(L)F1503
(2)
2048
128
12
8
2
1
2/1
4
1121
——
PIC16(L)F1507
(3)
2048
128
18
12
2/1
4
1
2
1
PIC16(L)F1508
(4)
4096
256
18
12
2
1
2/1
4
1
1
1
4
1
Y
Y
PIC16(L)F1509
(4)
8192
512
18
12
2
1
2/1
4
1
1
1
4
1
Y
Y
Note 1: One pin is input only.
Data Sheet Index: (Unshaded device is described in this document.)
1: Future Product
PIC12(L)F1501 Data Sheet, 8-Pin Flash, 8-bit Microcontrollers.
2: DS41607
PIC16(L)F1503 Data Sheet, 14-Pin Flash, 8-bit Microcontrollers.
3: DS41586
PIC16(L)F1507 Data Sheet, 20-Pin Flash, 8-bit Microcontrollers.
4: Future Product
PIC16(L)F1508/9 Data Sheet, 20-Pin Flash, 8-bit Microcontrollers.
PDIP, SOIC, TSSOP
1
2
3
4
14
13
12
11
5
6
7
10
9
8
VDD
RA5
RA4
MCLR/VPP/RA3
RC5
RC4
RC3
VSS
RA0/ICSPDAT
RA1/ICSPCLK
RA2
RC0
RC1
RC2
Note: See Table 1 for location of all peripheral functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com