Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD1871EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD1871EBZ
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1871EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD1871EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. 0
–4–
AD1871–SPECIFICATIONS
LOW-PASS DIGITAL FILTER CHARACTERISTICS (fS = 48 kHz)
Parameter
Min
Typ
Max
Unit
Decimation Factor
128
Pass-Band Frequency
21.77
kHz
Stop-Band Frequency
26.23
kHz
Pass-Band Ripple
±0.01
dB
Stop-Band Attenuation
120
dB
Group Delay
910
ms
LOW-PASS DIGITAL FILTER CHARACTERISTICS (fS = 96 kHz)
Parameter
Min
Typ
Max
Unit
Decimation Factor
64
Pass-Band Frequency
43.54
kHz
Stop-Band Frequency
52.46
kHz
Pass-Band Ripple
±0.01
dB
Stop-Band Attenuation
120
dB
Group Delay
460
ms
HIGH-PASS DIGITAL FILTER CHARACTERISTICS (fS = 48 kHz)
Parameter
Min
Typ
Max
Unit
Cutoff Frequency
2
Hz
HIGH-PASS DIGITAL FILTER CHARACTERISTICS (fS = 96 kHz)
Parameter
Min
Typ
Max
Unit
Cutoff Frequency
4
Hz
MASTER CLOCK (MCLK) AND RESET TIMING
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tMCH
MCLK High Width
20
ns
tMCL
MCLK Low Width
20
ns
tPDR
RESET Low Pulsewidth
20
ns
MCLK
tMCH
tMCL
tPDR
RESET
Figure 1. MCLK/
RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com