Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH04T240WAS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240WAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240WAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH04T240WAS Datasheet HTML 9Page - Texas Instruments PTH04T240WAS Datasheet HTML 10Page - Texas Instruments PTH04T240WAS Datasheet HTML 11Page - Texas Instruments PTH04T240WAS Datasheet HTML 12Page - Texas Instruments PTH04T240WAS Datasheet HTML 13Page - Texas Instruments PTH04T240WAS Datasheet HTML 14Page - Texas Instruments PTH04T240WAS Datasheet HTML 15Page - Texas Instruments PTH04T240WAS Datasheet HTML 16Page - Texas Instruments PTH04T240WAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
PTH04T240W, PTH04T241W
www.ti.com ...................................................................................................................................................... SLTS276D – OCTOBER 2006 – REVISED JULY 2009
Table 2. Output Voltage Set-Point Resistor Values (Standard Values)(1)
VO Required (V)
RSET (kΩ)
VO Required (V)
RSET (kΩ)
0.70
681
1.80
4.75
0.75
113
1.85
4.53
0.80
61.9
1.90
4.22
0.85
41.2
1.95
4.02
0.90
31.6
2.00
3.83
0.95
24.9
2.10
3.40
1.00
20.5
2.20
3.09
1.05
17.8
2.30
2.87
1.10
15.4
2.40
2.61
1.15
13.7
2.50
2.37
1.20
12.1
2.60
2.15
1.25
10.7
2.70
2.00
1.30
9.88
2.80
1.82
1.35
9.09
2.90
1.69
1.40
8.25
3.00
1.54
1.45
7.68
3.10
1.43
1.50
6.98
3.20
1.33
1.55
6.49
3.30
1.21
1.60
6.04
3.40
1.10
1.65
5.76
3.50
1.02
1.70
5.36
3.60
0.931
1.75
5.11
(1)
The minimum input voltage is 2.2 V or (VO + 0.5) V, whichever is greater.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PTH04T240W PTH04T241W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com