Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FZT651TC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FZT651TC
Description  60V NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT651TC Datasheet(HTML) 5 Page - Diodes Incorporated

  FZT651TC Datasheet HTML 1Page - Diodes Incorporated FZT651TC Datasheet HTML 2Page - Diodes Incorporated FZT651TC Datasheet HTML 3Page - Diodes Incorporated FZT651TC Datasheet HTML 4Page - Diodes Incorporated FZT651TC Datasheet HTML 5Page - Diodes Incorporated FZT651TC Datasheet HTML 6Page - Diodes Incorporated FZT651TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT651
Document Number DS33149 Rev. 4 - 2
5 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT651
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1m
10m
100m
1
10
10m
100m
1
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0
100
200
300
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
1.2
I
C/IB=100
V
CE(SAT) v IC
Tamb=25°C
I
C/IB=50
I
C/IB=20
I
C/IB=10
I
C
Collector Current (A)
150°C
V
BE(SAT) v IC
I
C/IB=10
100°C
25°C
-55°C
I
C
Collector Current (A)
150°C
h
FE v IC
V
CE=2V
-55°C
25°C
100°C
I
C
Collector Current (A)
150°C
25°C
V
CE(SAT) v IC
I
C/IB=10
100°C
-55°C
I
C
Collector Current (A)
150°C
V
BE(ON) v IC
V
CE=2V
100°C
25°C
-55°C
I
C
Collector Current (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com