Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APXA160ARA331MJC0G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # APXA160ARA331MJC0G
Description  PXANPCAPTM- Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXA160ARA331MJC0G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  APXA160ARA331MJC0G Datasheet HTML 1Page - United Chemi-Con, Inc. APXA160ARA331MJC0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
(at 20
℃, 120Hz)
(at 105
℃)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Bias Humidity
Surge Voltage
Failure Rate
Items
-55 to +105
℃
2.5 to 25Vdc
±20% (M)
Rated voltage
×1.15 (Rated voltage 2.5 to 20Vdc, 25Vdc) / Rated voltage×1.00 (Rated voltage 23Vdc)
Shall not exceed values shown in STANDARD RATINGS.
0.12 max.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 2,000 hours
(F46 : 1,000 hours) at 105
℃.
Appearance
No significant damage
Capacitance change
ESR
Leakage current
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to the DC rated voltage at
60
℃, 90 to 95% RH for 1,000 hours(F46 : 500 hours).
Appearance
No significant damage
Capacitance change
ESR
Leakage current
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
℃ for 30 seconds
Appearance
No significant damage
Capacitance change
ESR
Leakage current
0.5% per 1,000 hours maximum (Confidence level 60% at 105
℃)
Characteristics
◆DIMENSIONS [mm]
A15L
39
16V
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105℃.
Super low ESR, impedance and high heat resistance have been obtained by using
conductive polymer as electrolyte
Rated voltage range : 2.5 to 25Vdc, case size range : φ4×5.2L toφ10×12.2L
Suitable for DC-DC converters, voltage regulators and decoupling applications used on
computer motherboards etc.
0.3max.
A
±0.2
W
Note : L+0.1/-0.2 for F46
L
±0.5 for HC0 and JC0
Size code
D55
E60
F46
F55
F60
H70
HC0
J80
JC0
φD
4
5
6.3
6.3
6.3
8
8
10
10
L
5.2
5.7
4.5
5.2
5.7
6.7
12.0
7.7
12.2
A
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
10.3
B
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
10.3
C
5.1
5.9
7.2
7.2
7.2
9.0
9.0
11.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
P
1.0
1.4
1.9
1.9
1.9
3.1
3.1
4.5
4.5
●
Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Taping code
Terminal code
Series code
Category
A P X A
A R A
G
M
13
4
2
6
7
8
9
10
13
12
518
17
16
11
15
14
Please refer to "Product code guide (conductive polymer type)"
Lower ESR
PXA
PXE
●
●
●
●
RoHS Compliant
◆SPECIFICATIONS
Z(-25
℃)/Z(+20℃)
≦1.15
Z(-55
℃)/Z(+20℃)
≦1.25
of the initial value
≦±20%
≦150% of the initial specified value
≦150% of the initial specified value
≦The initial specified value
DF (tan
δ)
DF (tan
δ)
DF (tan
δ)
≦150% of the initial specified value
≦150% of the initial specified value
≦The initial specified value
≦150% of the initial specified value
≦150% of the initial specified value
≦The initial specified value
through a protective resistor(R=1k
Ω) and discharge for 5 minutes 30 seconds.
◆MARKING
L
±0.3 (Note)
◆PART NUMBERING SYSTEM
Capacitance code (ex. 10μF:100,100μF:101)
Voltage code (ex. 6.3V:6R3,10V:100)
EX) 16V39µF
●
Halogen Free
(1/2)
Surface Mount
Dissipation Factor
(tan
δ)
≦±20% of the initial value
≦±20% of the initial value
PXASeries
NPCAP
TM -
CAT. No. E1001M


Similar Part No. - APXA160ARA331MJC0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXA160ARA331MJC0G CHEMI-CON-APXA160ARA331MJC0G Datasheet
308Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXA160ARA331MJC0G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com