Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECOS1CP683EA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECOS1CP683EA
Description  Compact size for general purpose and industrial applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP683EA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECOS1CP683EA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 7Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 8Page - Panasonic Semiconductor ECOS1CP683EA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Aluminum Electrolytic Capacitors
Compact size for general purpose and industrial applications
2 and 3 pin versions available
20mm lengths for low profile applications
**Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Part Number System
Diameter
Code
22
B
25
C
30
D
35
E
*2000 hours for 20mm length sizes
Diameter
Endurance:
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Dimensions in millimeters
3000 hours* at +85°C with maximum specified ripple current (see page 4)
Dissipation Factor:
(120 Hz, +20°C)
Leakage Current:
Ripple Current Multipliers:
TS-UP Series 85°C, 3000 hours
Nominal Capacitance:
120 ~ 68000µF
Rated Working Voltage:
Operating Temperature:
16 ~ 250 VDC
-40 ~ +85°C
Capacitance Tolerance:
14
± 20%
350 ~ 450 VDC
-25 ~ +85°C
33 ~ 820µF
Working Voltage [V]:
Max. D.F. (%):
16
50
25
20
160 ~ 450
15
(rated cap. [µF] - 33000 )
1000
For capacitance values > 33000µF, add the value of:
25
40
35
35
50
30
63
80
100
20
Frequency(Hz):
16~100WV:
50
160~450WV:
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ripple Current Ambient Temperature Factors**
≤45°C
1.5
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.0
1.3
1.4
1.05
60
100~120
500
1k
10k
T
L+2 max.
D+1 max.
Circuit Board Mounting Holes
10.0±0.1
Ø2.0±0.1
Ø2.0±0.1
4.75±0.1
Ø2.5 min.
3.3±0.1
T
L+2 max.
D+1 max.
10.0±0.1
2 x Ø2.0±0.1
Circuit Board Mounting Holes
2 Pin Mounting Style
3 Pin Mounting Style
(Optional)
Pin Dimensions
E
C
E
C
P
Capacitance
Code
Series
Code
2S
2G
2T
2V
2E
2D
2C
2A
1K
1J
1H
1V
1E
25
35
50
63
80 100 160 200 250 350 385 400 420
Voltage Code
1C
16
2W
450
Terminal Style
ECEC
ECOS
Prefix Length
# of Pins
4.0mm
6.3mm
2
2
RoHS compliant PVC sleeve and top
plate is standard. PET sleeve is
available without top plate.
Suffix
A
X
L
Standard Ratings
Extended CV Ratings
20mm Length Ratings
RoHS
Compliant
4mm Length: Standard on 2 Pin, Available on 3 Pin Mounting Styles
6.3±1.0
1.5±0.2
2.0 max.
0.8
+0.2
-0.1
6.3mm Length: Available on 2 Pin Mounting Style Only
Top of Capacitor Body
4.0±0.5
1.5±0.2
2.0 max.
0.8
+0.2
-0.1
3.5
4.0


Similar Part No. - ECOS1CP683EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1CP683EA PANASONIC-ECOS1CP683EA Datasheet
193Kb / 10P
Aluminum Electrolytic Capacitors
ECOS1CP683EA PANASONIC-ECOS1CP683EA Datasheet
243Kb / 9P
Aluminum Electrolytic Capacitors
ECOS1CP683EA PANASONIC-ECOS1CP683EA Datasheet
243Kb / 9P
Aluminum Electrolytic Capacitors
ECOS1CP683EA PANASONIC-ECOS1CP683EA Datasheet
243Kb / 9P
Aluminum Electrolytic Capacitors
ECOS1CP683EA PANASONIC-ECOS1CP683EA Datasheet
193Kb / 10P
Panasonic Industrial Company
More results

Similar Description - ECOS1CP683EA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
General Purpose and Switching Applications
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
General purpose resistor ideal for commercial/industrial applications
logo
Panasonic Semiconductor
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
General purpose resistor ideal for commercial/industrial applications
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
Compact Flow Meter for Industrial Applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
For general purpose applications
14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
For general purpose applications
25-Aug-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com