Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256P33BF Datasheet(PDF) 73 Page - Micron Technology

Part # JS28F256P33BF
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BF Datasheet(HTML) 73 Page - Micron Technology

Back Button JS28F256P33BF Datasheet HTML 69Page - Micron Technology JS28F256P33BF Datasheet HTML 70Page - Micron Technology JS28F256P33BF Datasheet HTML 71Page - Micron Technology JS28F256P33BF Datasheet HTML 72Page - Micron Technology JS28F256P33BF Datasheet HTML 73Page - Micron Technology JS28F256P33BF Datasheet HTML 74Page - Micron Technology JS28F256P33BF Datasheet HTML 75Page - Micron Technology JS28F256P33BF Datasheet HTML 76Page - Micron Technology JS28F256P33BF Datasheet HTML 77Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Datasheet
Aug 2009
73
Order Number:320003-08
P33-65nm
Figure 32: Program Suspend/Resume Flowchart
Read Status
Register
SR. 7 =
SR. 2 =
Read Array
Data
Program
Completed
Done
Reading
Program
Resumed
Read Array
Data
0
No
0
Yes
1
1
PROGRAM SUSPEND
/ RESUME PROCEDURE
Write
Program
Resume
Data= D0 h
Addr= Suspended block (BA)
Bus
Operation
Command
Comments
Write
Program
Suspend
Data= B0h
Addr= X
Standby
Check SR.7
1= WSM ready
0= WSM busy
Standby
Check SR.2
1=
Program suspended
0=
Program completed
Write
Read
Array
Data= FFh
Addr= Block address to read(BA)
Read
Read array data from block other than
the one being programmed
Read
Status register data
Initiate a read cycle to update Status
register
Addr= Suspended block (BA)
PGM_SUS.WMF
Start
Write B0h
Any Address
Program Suspend
Read
Status
Write70h
Write FFh
Any Address
Read
Array
Write D0h
Any Address
Program
Resume
Write FFh
Read
Array
Write
Read
Status
Data= 70h
Addr= Block to suspend (BA)
Write70h
Any Address
Read
Status
Any Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com