Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3G4250D Datasheet(PDF) 33 Page - STMicroelectronics

Part # A3G4250D
Description  MEMS motion sensor: 3-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A3G4250D Datasheet(HTML) 33 Page - STMicroelectronics

Back Button A3G4250D Datasheet HTML 29Page - STMicroelectronics A3G4250D Datasheet HTML 30Page - STMicroelectronics A3G4250D Datasheet HTML 31Page - STMicroelectronics A3G4250D Datasheet HTML 32Page - STMicroelectronics A3G4250D Datasheet HTML 33Page - STMicroelectronics A3G4250D Datasheet HTML 34Page - STMicroelectronics A3G4250D Datasheet HTML 35Page - STMicroelectronics A3G4250D Datasheet HTML 36Page - STMicroelectronics A3G4250D Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
A3G4250D
Register description
Doc 022768 Rev 3
33/44
7.4
CTRL_REG3 (22h)
7.5
CTRL_REG4 (23h)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Auto-reset on interrupt event
Table 27.
High-pass filter cut-off frequency configuration [Hz]
HPCF3
ODR= 100 Hz
ODR= 200 Hz
ODR= 400 Hz
ODR= 800 Hz
0000
8
15
30
56
0001
4
8
15
30
0010
2
4
8
15
0011
12
48
0100
0.5
1
2
4
0101
0.2
0.5
1
2
0110
0.1
0.2
0.5
1
0111
0.05
0.1
0.2
0.5
1000
0.02
0.05
0.1
0.2
1001
0.01
0.02
0.05
0.1
Table 26.
High-pass filter mode configuration
Table 28.
CTRL_REG1 register
I1_Int1
I1_Boot
H_Lactive
PP_OD
I2_DRDY
I2_WTM
I2_ORun
I2_Empty
Table 29.
CTRL_REG3 description
I1_Int1
Interrupt enable on the INT1 pin. Default value 0. (0: disable; 1: enable)
I1_Boot
Boot status available on INT1. Default value 0. (0: disable; 1: enable)
H_Lactive
Interrupt active configuration on INT1. Default value 0. (0: high; 1: low)
PP_OD
Push-pull / open drain. Default value: 0. (0: push-pull; 1: open drain)
I2_DRDY
Date ready on DRDY/INT2. Default value 0. (0: disable; 1: enable)
I2_WTM
FIFO watermark interrupt on DRDY/INT2. Default value: 0. (0: disable; 1: enable)
I2_ORun
FIFO overrun interrupt on DRDY/INT2 Default value: 0. (0: disable; 1: enable)
I2_Empty
FIFO empty interrupt on DRDY/INT2. Default value: 0. (0: disable; 1: enable)
Table 30.
CTRL_REG4 register
0BLE
0
0
-
ST1
ST0
SIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com