Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM301A Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM301A
Description  SINGLE OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM301A Datasheet(HTML) 3 Page - STMicroelectronics

  LM301A Datasheet HTML 1Page - STMicroelectronics LM301A Datasheet HTML 2Page - STMicroelectronics LM301A Datasheet HTML 3Page - STMicroelectronics LM301A Datasheet HTML 4Page - STMicroelectronics LM301A Datasheet HTML 5Page - STMicroelectronics LM301A Datasheet HTML 6Page - STMicroelectronics LM301A Datasheet HTML 7Page - STMicroelectronics LM301A Datasheet HTML 8Page - STMicroelectronics LM301A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM101A - LM201A - LM301A
3/11
ELECTRICAL CHARACTERISTICS
±5V
≤ VCC ≤ ±20V, C1 = 30pF, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
LM101A - LM201A
LM301A
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage (RS ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.7
2
3
27.5
10
mV
DVio
Input Offset Voltage Drift
Tmin ≤ Tamb ≤ Tmax
315
6
30
µV/°C
Iib
Input Bias Current - note
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
25
75
100
70
250
300
nA
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.5
10
20
250
70
nA
DIIio
Input Offset Current Drift
Tmin ≤ Tamb ≤ 25°C
Tmin ≤ Tamb ≤ Tmax
10
20
100
200
10
20
300
600
pA/°C
Avd
Large Signal Voltage Gain *
VO ≤ 10V, RL = 2kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
100
25
15
100
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
96
70
70
96
dB
ICC
Supply Current, no load
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.8
3
3
1.8
3
3
mA
Vicm
Input Common Mode Voltage Range
(VCC = ±20V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
±15
±15
±15
±15
V
CMR
Common Mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
96
70
70
96
dB
IOS
Output Short-circuit Current *
Tamb = +25°C
10
30
50
10
30
50
mA
±VOPP
Output Voltage Swing *
Tamb = +25°C
RL = 10kΩ
RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 2kΩ
12
10
12
10
14
13
12
10
12
10
14
13
V
SR
Slew Rate (Vi = ±10V, RL = 2kΩ,CL = 100pF,
unity gain) - 1)
0.25
0.5
0.25
0.5
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com