Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P0102DN-5AA4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # P0102DN-5AA4
Description  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DN-5AA4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button P0102DN-5AA4 Datasheet HTML 3Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 4Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 5Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 6Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 7Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 8Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 9Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 10Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P010xx
Ordering information scheme
7/11
2
Ordering information scheme
Figure 17.
Ordering information scheme
3
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
01 up to 0.8 A
02 = 200 µA
09 = 1 µA
A = 100 V
B = 200 V
D = 400 V
M = 600 V
A = TO-92
L = SOT23-3L
N = SOT-223
1AA3 = Bulk
2AL3 = Ammopack
5AL3 = Tape and reel 13 inch
5AA4 = Tape and reel 7 inch
Blank
P
01 0x
x
x
xAxx
Table 7.
TO-92 dimensions
Ref
dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
A
F
C
B
a
DE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com