Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLA2ABB220SN4 Datasheet(PDF) 53 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 53 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
64
s Impedance-Frequency Characteristics
Continued on the following page.
s Impedance-Frequency Characteristics (Main Items)
BLM18BA Series (5ohm to 22ohm)
BLM18BB Series (5ohm to 75ohm)
BLM18BA Series (47ohm to 120ohm)
BLM18BD Series (47ohm to 420ohm)
BLM18BD Series (470ohm to 2500ohm)
BLM18BB Series (120ohm to 470ohm)
BLM18BD470SN1
BLM18BD121SN1
BLM18BD151SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM18B Series (0603 Size)
BLM18B
Frequency (MHz)
1
10
100
1000
3000
0
100
200
300
400
500
BLM18BA220SN1
BLM18BA100SN1
BLM18BA050SN1
Frequency (MHz)
1
10
100
1000
3000
BLM18BB750SN1
BLM18BB600SN1
BLM18BB470SN1
BLM18BB220SN1
BLM18BB100SN1
BLM18BB050SN1
0
100
200
300
Frequency (MHz)
1
10
100
1000
3000
0
10000
7500
5000
2500
BLM18BA121SN1
BLM18BA750SN1
BLM18BA470SN1
Frequency (MHz)
1
10
100
1000
3000
0
250
500
750
1000
BLM18BD421SN1
BLM18BD331SN1
BLM18BD221SN1
BLM18BD151SN1
BLM18BD121SN1
BLM18BD470SN1
Frequency (MHz)
1
10
100
1000
3000
0
500
1000
1500
2000
2500
BLM18BD252SN1
BLM18BD222SN1
BLM18BD182SN1
BLM18BD152SN1
BLM18BD102SN1
BLM18BD601SN1
BLM18BD471SN1
Frequency (MHz)
1
10
100
1000
3000
2000
1500
1000
500
0
BLM18BB471SN1
BLM18BB331SN1
BLM18BB221SN1
BLM18BB151SN1
BLM18BB141SN1
BLM18BB121SN1
1
10
100
1000
3000
Frequency (MHz)
X
0
50
100
150
R
Z
1
10
100
1000
3000
Frequency (MHz)
Z
0
100
200
300
R
X
1
10
100
1000
3000
Frequency (MHz)
400
200
300
100
0
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com