Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLA2ABB121SN4 Datasheet(PDF) 88 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 88 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 88 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
99
BLM21AG471SN1
BLM21AG601SN1
BLM21AG102SN1
BLM21BB050SN1
BLM21BB600SN1
BLM21BB750SN1
BLM21BB121SN1
BLM21BB221SN1
BLM21BB331SN1
BLM21BB471SN1
BLM21BD121SN1
BLM21BD221SN1
BLM21BD421SN1
BLM21BD471SN1
BLM21BD601SN1
BLM21BD102SN1
BLM21BD152SN1
BLM21BD182SN1
BLM21BD222SN1
BLM21BD222TN1
BLM21BD272SN1
BLM21PG220SN1
BLM21PG300SN1
BLM21PG600SN1
BLM21PG121SN1
BLM21PG221SN1
BLM21PG331SN1
BLM31PG330SN1
BLM31PG500SN1
BLM31PG121SN1
BLM31PG391SN1
BLM31PG601SN1
BLM41PG600SN1
BLM41PG750SN1
BLM41PG181SN1
BLM41PG471SN1
BLM41PG102SN1
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
0.25
0.30
0.45
0.07
0.20
0.25
0.25
0.35
0.40
0.45
0.25
0.25
0.30
0.35
0.35
0.40
0.45
0.50
0.60
0.60
0.80
0.01
0.015
0.025
0.03
0.050
0.09
0.01
0.025
0.025
0.05
0.09
0.01
0.025
0.025
0.05
0.09
200
200
200
500
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
6000
3000
3000
3000
2000
1500
6000
3000
3000
2000
1500
6000
3000
3000
2000
1500
470
Ω±25%
600
Ω±25%
1000
Ω±25%
5
Ω±25%
60
Ω±25%
75
Ω±25%
120
Ω±25%
220
Ω±25%
330
Ω±25%
470
Ω±25%
120
Ω±25%
220
Ω±25%
420
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
1500
Ω±25%
1800
Ω±25%
2250
Ω (Typ.)
2200
Ω±25%
2700
Ω±25%
22
Ω±25%
30
Ω (Typ.)
60
Ω±25%
120
Ω±25%
220
Ω±25%
330
Ω±25%
33
Ω±25%
50
Ω (Typ.)
120
Ω±25%
390
Ω (Typ.)
600
Ω (Typ.)
60
Ω (Typ.)
75
Ω (Typ.)
180
Ω (Typ.)
470
Ω (Typ.)
1000
Ω (Typ.)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ.
(at 100MHz, 20 degrees C)
Quantity
(pcs.)
BLM21AG121SN1
BLM21AG151SN1
BLM21AG221SN1
BLM21AG331SN1
1
2
3
4
0.15
0.15
0.20
0.25
200
200
200
200
120
Ω±25%
150
Ω±25%
220
Ω±25%
330
Ω±25%
10
10
10
10
oEKEMBL21E (Chip Ferrite Beads 0805 Size / for Large-current P Type)
Design Kits
BLp Chip Ferrite Bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com