Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7541ASE Datasheet(PDF) 5 Page - Analog Devices

Part # AD7541ASE
Description  CMOS 12-Bit Monolithic Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7541ASE Datasheet(HTML) 5 Page - Analog Devices

  AD7541ASE Datasheet HTML 1Page - Analog Devices AD7541ASE Datasheet HTML 2Page - Analog Devices AD7541ASE Datasheet HTML 3Page - Analog Devices AD7541ASE Datasheet HTML 4Page - Analog Devices AD7541ASE Datasheet HTML 5Page - Analog Devices AD7541ASE Datasheet HTML 6Page - Analog Devices AD7541ASE Datasheet HTML 7Page - Analog Devices AD7541ASE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD7541A
–5–
REV. B
BIPOLAR OPERATION
(4-QUADRANT MULTIPLICATION)
Figure 5 and Table III illustrate the circuitry and code relation-
ship for bipolar operation. With a dc reference (positive or nega-
tive polarity) the circuit provides offset binary operation. With
an ac reference the circuit provides full 4-quadrant multiplication.
With the DAC loaded to 1000 0000 0000, adjust R1 for
VOUT = 0 V (alternatively, one can omit R1 and R2 and adjust
the ratio of R3 to R4 for VOUT = 0 V). Full-scale trimming can
be accomplished by adjusting the amplitude of VREF or by vary-
ing the value of R5.
As in unipolar operation, A1 must be chosen for low VOS and
low IB. R3, R4 and R5 must be selected for matching and track-
ing. Mismatch of 2R3 to R4 causes both offset and full-scale
error. Mismatch of R5 to R4 or 2R3 causes full-scale error. C1
phase compensation (10 pF to 50 pF) may be required for sta-
bility, depending on amplifier used.
AD7541A
A1
3
R2
*
VDD
16
17
18
1
2
VDD
RFB
VREF
PINS 4–15
GND
OUT1
OUT2
R1
*
VIN
BIT 1 – BIT 12
DIGITAL
GROUND
ANALOG
COMMON
C1
33pF
AD544L
VOUT
AD544J
A2
R4
20k
Ω
R5
20k
Ω
R3
10k
Ω
R6
5k
Ω
10%
*FOR VALUES OF R1 AND R2
SEE TABLE 1.
Figure 5. Bipolar Operation (4-Quadrant Multiplication)
Table III. Bipolar Code Table for Offset Binary Circuit of
Figure 5
Binary Number in DAC
MSB
LSB
Analog Output, VOUT
1 1 1 1
1 1 1 1
1 1 1 1
+VIN
2047
2048


1 0 0 0
0 0 0 0
0 0 0 1
+VIN
1
2048


1 0 0 0
0 0 0 0
0 0 0 0
0 Volts
0 1 1 1
1 1 1 1
1 1 1 1
–VIN
1
2048


0 0 0 0
0 0 0 0
0 0 0 0
–VIN
2048
2048


Figure 6 and Table IV show an alternative method of achieving
bipolar output. The circuit operates with sign plus magnitude
code and has the advantage of giving 12-bit resolution in each
quadrant, compared with 11-bit resolution per quadrant for the
circuit of Figure 5. The AD7592 is a fully protected CMOS
changeover switch with data latches. R4 and R5 should match
each other to 0.01% to maintain the accuracy of the D/A con-
verter. Mismatch between R4 and R5 introduces a gain error.
A2
AD7541A
A1
3
R2
*
VDD
16
17
18
1
2
VDD
RFB
VREF
PINS 4–15
GND
OUT1
OUT2
R1
*
VIN
BIT 1 – BIT 12
DIGITAL
GROUND
ANALOG
COMMON
C1
33pF
AD544L
VOUT
AD544J
R5
20k
Ω
*FOR VALUES OF R1 AND R2
SEE TABLE 1.
R4
20k
Ω
R3
10k
Ω
10%
1/2 AD7592JN
SIGN BIT
Figure 6. 12-Bit Plus Sign Magnitude Operation
Table IV. 12-Bit Plus Sign Magnitude Code Table for Circuit
of Figure 6
Sign
Binary Number in DAC
Bit
MSB
LSB
Analog Output, VOUT
0
1 1 1 1
1 1 1 1
1 1 1 1
+VIN
×
4095
4096


0
0 0 0 0
0 0 0 0
0 0 0 0
0 Volts
1
0 0 0 0
0 0 0 0
0 0 0 0
0 Volts
1
1 1 1 1 1 1 1 1
1 1 1 1
–VIN ×
4095
4096


Note: Sign bit of “0” connects R3 to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com