Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-C87B Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87B
Description  Precision Optically Isolated Voltage Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87B Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C87B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Table 13. Diagnostic Parameters
Diagnostic Parameter
Range
LSB
Accuracy
Address
Note
Min.
Max.
Transceiver
Temperature(Temp)
-15
[ºC]
+105
[ºC]
1/256
[ºC]
±3
[ºC]
96-97
A 16 bit signed twos
complement value
Supply Voltage (Voltage)
+2.97
[V]
+3.63
[V]
100
[µV]
±3
[%]
98-99
A 16 bit unsigned integer
TX Bias Current (Bias)
0
[mA]
+95
[mA]
2.0
[µA]
±10
[%]
100-101
A 16 bit unsigned integer
TX Optical Output Power
(TX Power)
-6
[dBm]
+2
[dBm]
0.1
[µW]
±3
[dB]
102-103
A 16 bit unsigned integer
RX Optical Input Power (RX
Power)
-25
[dBm]
+3
[dBm]
0.1
[µW]
±3
[dB]
104-105
A 16 bit unsigned integer
Table 14. Alarm and Warning Thresholds
Parameter
Unit
Warning
Alarm
Low
High
Low
High
Transceiver Temperature
ºC
-5
+70
-10
+75
Supply Voltage
V
+3.1
+3.5
+3
+3.6
TX Bias Current
mA
5
80
3
90
TX Optical Output Power
dBm
-4
0
-7
+3
RX Optical Input Power
dBm
-21
0
-22
+1
Digital Diagnostic Monitoring
2 wire serial bus address 1010001X (A2h) is used to access
measurement of transceiver temperature, internally mea-
sured supply voltage, TX bias current, TX optical output
power and RX optical input power which are shown in
Table 13. Each diagnostic parameter has a corresponding
high alarm, low alarm, high warning and low warning
threshold which are shown in Table 14. Alarm flags indi-
cate conditions likely to be associated with an inopera-
tional link and cause for immediate action. Warning flags
indicate conditions outside the normally guaranteed
bounds but not necessarily causes of immediate link fail-
ures. It is recommended that detection of an asserted flag
bit should be verified by a second read of the flag at least
100 msec later. The detail contents of the 2 wire address
A2h are shown in Table 15 to 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com