Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9284APB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9284APB
Description  Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284APB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9284APB Datasheet HTML 1Page - Richtek Technology Corporation RT9284APB Datasheet HTML 2Page - Richtek Technology Corporation RT9284APB Datasheet HTML 3Page - Richtek Technology Corporation RT9284APB Datasheet HTML 4Page - Richtek Technology Corporation RT9284APB Datasheet HTML 5Page - Richtek Technology Corporation RT9284APB Datasheet HTML 6Page - Richtek Technology Corporation RT9284APB Datasheet HTML 7Page - Richtek Technology Corporation RT9284APB Datasheet HTML 8Page - Richtek Technology Corporation RT9284APB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RT9284A/B
www.richtek.com
DS9284A/B-07 April 2011
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ----------------------------------------------------------------------------------------------------
−0.3V to 7V
LX Input Voltage ----------------------------------------------------------------------------------------------------------
−0.3V to 22V
OVP Voltage --------------------------------------------------------------------------------------------------------------
−0.3V to 22V
The Other Pins -----------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-5 ----------------------------------------------------------------------------------------------------------------- 0.455W
TSOT-23-6 ----------------------------------------------------------------------------------------------------------------- 0.455W
Package Thermal Resistance (Note 2)
TSOT-23-5,
θJA ------------------------------------------------------------------------------------------------------------ 220°C/W
TSOT-23-6,
θJA ------------------------------------------------------------------------------------------------------------ 220°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 2.7V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
To be continued
(VIN = 3.7V, TA = 25
°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
System Supply Input
Operation voltage Range
VDD
2.7
--
5.5
V
Under Voltage Lock Out
VDD
1.8
2.2
2.5
V
Quiescent Current
IDD
FB = 1.5V, No switch
50
300
1000
uA
Supply Current
IDD
FB = 0V, Switch
0.1
2
3
mA
Shut Down Current
IDD
VEN < 0.4V
--
--
1
uA
Line Regulation
VIN : 3.0~4.3V
--
3
--
%
Oscillator
Operation Frequency
fOSC
0.9
1.2
1.5
MHz
Maximum Duty Cycle
85
--
--
%
Dimming Frequency
100
--
100k
Hz
Reference Voltage
RT9284A
1.173
1.235
1.296
Feedback Voltage
(Note 5)
RT9284B
0.237
0.25
0.263
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com