Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSMJ-A100-R40J1 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMJ-A100-R40J1
Description  PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMJ-A100-R40J1 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMJ-A100-R40J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Intensity Bin Select (X5X6)
Individual reel will contain parts
from one half bin only.
X5
Min Iv Bin
X6
0
Full Distribution
2
2 half bins starting from X51
3
3 half bins starting from X51
4
4 half bins starting from X51
5
5 half bins starting from X51
6
2 half bins starting from X52
7
3 half bins starting from X52
8
4 half bins starting from X52
9
5 half bins starting from X52
Intensity Bin Limits
Bin ID
Min. (mcd)
Max. (mcd)
G1
1.80
2.24
G2
2.24
2.80
H1
2.80
3.55
H2
3.55
4.50
J1
4.50
5.60
J2
5.60
7.20
K1
7.20
9.00
K2
9.00
11.20
L1
11.20
14.00
L2
14.00
18.00
M1
18.00
22.40
M2
22.40
28.50
N1
28.50
35.50
N2
35.50
45.00
P1
45.00
56.00
P2
56.00
71.50
Q1
71.50
90.00
Q2
90.00
112.50
R1
112.50
140.00
R2
140.00
180.00
S1
180.00
224.00
S2
224.00
285.00
T1
285.00
355.00
T2
355.00
450.00
U1
450.00
560.00
U2
560.00
715.00
V1
715.00
900.00
V2
900.00
1125.00
W1
1125.00
1400.00
W2
1400.00
1800.00
X1
1800.00
2240.00
X2
2240.00
2850.00
Tolerance of each bin limit = ± 12%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com