Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-C008 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-C008
Description  T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C008 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C008 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C008 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimensions
HLMP-Cx27
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.00)
MIN.
NOM.
5.08 (0.200)
4.57 (0.100)
13.55 (0.533)
13.35 (0.525)
0.89 (0.035)
0.64 (0.023)
9.19 (0.362)
8.43 (0.332)
1.32 (0.052)
1.02 (0.040)
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.00)
MIN.
NOM.
5.08 (0.200)
4.57 (0.100)
0.89 (0.035)
0.64 (0.023)
9.19 (0.362)
8.43 (0.332)
1.02 (0.004)
MAX. TYP.
1.00 (0.040) MAX. EPOXY MENISCUS
1.00 (0.040) MAX. EPOXY MENISCUS
HLMP-Cx25
HLMP-C610
HLMP-Cx08
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.000)
MIN.
NOM.
5.21 (0.205)
4.70 (0.105)
13.50 (0.53)
13.30 (0.52)
1.07 (0.042)
0.56 (0.022)
9.14 (0.360)
8.36 (0.330)
1.32 (0.052)
1.02 (0.040)
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.000)
MIN.
NOM.
5.21 (0.205)
4.70 (0.105)
1.07 (0.042)
0.56 (0.022)
9.14 (0.360)
8.36 (0.330)
1.02 (0.004)
MAX. TYP.
1.00 (0.040) MAX. EPOXY MENISCUS
1.00 (0.040) MAX. EPOXY MENISCUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com