Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8315E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8315E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
© Freescale Semiconductor, Inc., 2011. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
This document provides an overview of the MPC8315E
PowerQUICC™ II Pro processor features, including a block
diagram showing the major functional components. The
MPC8315E contains a core built on Power Architecture™
technology. It is a cost-effective, low-power, highly
integrated host processor that addresses the requirements of
several storage, consumer, and industrial applications,
including main CPUs and I/O processors in network attached
storage (NAS), voice over IP (VoIP) router/gateway,
intelligent wireless LAN (WLAN), set top boxes, industrial
controllers, and wireless access points. The MPC8315E
extends the PowerQUICC II Pro family, adding higher CPU
performance, new functionality, and faster interfaces while
addressing the requirements related to time-to-market, price,
power consumption, and package size. Note that while the
MPC8315E supports a security engine, the MPC8315 does
not.
Document Number: MPC8315EEC
Rev. 2, 11/2011
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. MPC8315E Features . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 8
4. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 14
5. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 17
7. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 18
8. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
9. Ethernet: Three-Speed Ethernet, MII Management . 24
10. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
11. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 51
16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
17. Serial ATA (SATA) . . . . . . . . . . . . . . . . . . . . . . . . . . 68
18. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
19. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
20. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
21. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
22. TDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
23. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 76
24. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
25. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
26. System Design Information . . . . . . . . . . . . . . . . . . 100
27. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 103
28. Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
MPC8315E
PowerQUICC II Pro Processor
Hardware Specifications


Similar Part No. - MPC8315E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
667Kb / 106P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315E NXP-MPC8315E Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
MPC8315ECVRADDA NXP-MPC8315ECVRADDA Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
MPC8315ECVRAFDA NXP-MPC8315ECVRAFDA Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results

Similar Description - MPC8315E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313E FREESCALE-MPC8313E_08 Datasheet
1Mb / 92P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
PowerQUICC II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com