Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8321CZQAFDC Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8321CZQAFDC
Description  MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321CZQAFDC Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8321CZQAFDC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8321CZQAFDC Datasheet HTML 82Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
Freescale Semiconductor
81
Document Revision History
2
4/2008
• Removed Figures 2 and 3 overshoot and undershoot voltage specs from Section 2.1.2, “Power Supply
Voltage Specification,” and footnotes 4 and 5 from Table 1.
• Corrected QUIESCE signal to be an output signal in Table 55.
• Added column for GVDD (1.8 V) - DDR2 - to Table 6 with 0.212-W typical power dissipation.
• Added Figure 4 DDR input timing diagram.
• Removed CE_TRB* and CE_PIO* signals from Table 55.
• Added three local bus AC specifications to Table 30 (duty cycle, jitter, delay between input clock and
local bus clock).
• Added row in Table 2 stating junction temperature range of 0 to 105•C.
C.
• Modified Section 2.2, “Power Sequencing,” to include PORESET requirement.
1
6/2007
Correction to descriptive text in Section 2.2.
0
6/2007
Initial release.
Table 67. Document Revision History
Rev.
No.
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com