Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSMS-8101 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-8101
Description  Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-8101 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-8101 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-8101 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-8101 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-8101 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-8101 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-8101 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DC Electrical Specifications, T
A = 25°C
HSMS-8101
HSMS-8202
HSMS-8207
HSMS-8209
Symbol
Parameters and Test Conditions
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
V
BR
Breakdown Voltage
I
R = 10 µA
V
4
4
4
4
C
T
Total Capacitance
V
R = 0 V, f = 1 MHz
pF
0.26
0.26
0.26
0.26
DC
T
Capacitance Difference
V
R = 0 V, f = 1 MHz
pF
—
0.04
0.04
0.04
R
D
Dynamic Resistance
I
F = 5 mA
Ω
14
14
14
14
DR
D
Dynamic Resistance Difference
I
F = 5 mA
Ω
—
2
2
2
V
F
Forward Voltage
I
F = 1 mA
mV
250
350
250
350
250
350
250
350
DV
F
Forward Voltage Difference
I
F = 1 mA
mV
—
20
20
20
Lead Code
1
2
7
9
Package Marking Code
where x is date code
R1x
2Rx
R7x
R9x
RF Electrical Parameters, T
A = 25°C
Symbol
Parameter
Units
Typical
L
c
Conversion Loss at 12 GHz
dB
6.3
Z
IF
IF Impedance
Ω
150
SWR
SWR at 12 GHz
1.2
Note:
DC Load Resistance = 0 Ω; LO Power = 1 mW.
SPICE Parameters
I
S = 4.6 E‑8
E
G = 0.69
TT = 0
R
S = 6
C
JO = 0.18 E‑12
N = 1.09
P
B (VJ) = 0.5
B
V = 7.3
M = 0.5
I
BV = 10E‑5
FC = 0.5
Linear Equivalent Circuit
0.17 pF
Rj
0.08 pF
1.0 nH
1.3 nH
6
Self Bias
1 mA
2.5 mA
R
j
256
142



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com