Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT10HH1026R0PN Datasheet(PDF) 37 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH1026R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH1026R0PN Datasheet(HTML) 37 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH1026R0PN Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 40Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
184
Part Number
No.
Rated Current
(mA)
Rated Voltage
(Vdc)
Common Mode Impedance
(at 100MHz, 20 degrees C)
Quantity
(pcs.)
oEKEMDL21L (Chip Common Mode Choke Coils)
DLW21HN670SQ2
DLW21HN900SQ2
DLW21HN121SQ2
DLW21HN181SQ2
DLW21SN670SQ2
DLW21SN900SQ2
DLW21SN121SQ2
DLW21SN181SQ2
DLW21SN261SQ2
DLW21SN371SQ2
DLW21SN670HQ2
DLW21SN900HQ2
DLW21SN121HQ2
DLW21SR670HQ2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
10
10
10
10
10
10
10
10
10
10
10
10
10
10
67
Ω±25%
90
Ω±25%
120
Ω±25%
180
Ω±25%
67
Ω±25%
90
Ω±25%
120
Ω±25%
180
Ω±25%
260
Ω±25%
370
Ω±25%
67
Ω±25%
90
Ω±25%
120
Ω±25%
67
Ω±25%
50
50
50
50
50
50
50
50
50
50
20
20
20
20
330
330
280
250
400
330
370
330
300
280
320
280
280
400
DLP0NSA150HL2
DLP0NSC280HL2
DLP0NSN670HL2
DLP0NSN900HL2
DLP0NSN121HL2
15
16
17
18
19
10
10
10
10
10
15
Ω±5Ω
28
Ω±20%
67
Ω±20%
90
Ω±20%
120
Ω±20%
5
5
5
5
5
100
100
110
100
90
DLP1NDN350HL4
DLP1NDN670HL4
DLP1NDN900HL4
20
21
22
10
10
10
35
Ω±20%
67
Ω±20%
90
Ω±20%
5
5
5
100
80
60
DLP2ADN670HL4
DLP2ADN900HL4
DLP2ADN121HL4
DLP2ADN161HL4
DLP2ADN201HL4
DLP2ADN241HL4
DLP2ADN281HL4
38
39
40
41
42
43
44
10
10
10
10
10
10
10
67
Ω±20%
90
Ω±20%
120
Ω±20%
160
Ω±20%
200
Ω±20%
240
Ω±20%
280
Ω±20%
5
5
5
5
5
5
5
140
130
120
100
90
80
80
DLP2ADA350HL4
DLP2ADA670HL4
DLP2ADA900HL4
35
36
37
10
10
10
35
Ω±20%
67
Ω±20%
90
Ω±20%
5
5
5
150
130
120
DLP11SN670SL2
DLP11SN121SL2
DLP11SN161SL2
DLP11SN900HL2
DLP11SN201HL2
DLP11SN241HL2
DLP11SN281HL2
DLP11SN331HL2
DLP11TB800UL2
26
27
28
29
30
31
32
33
34
10
10
10
10
10
10
10
10
10
67
Ω±20%
120
Ω±20%
160
Ω±20%
90
Ω±20%
200
Ω±20%
240
Ω±20%
280
Ω±20%
330
Ω±20%
80
Ω±25%
5
5
5
5
5
5
5
5
5
180
140
120
150
110
100
90
80
100
DLP11SA350HL2
DLP11SA670HL2
DLP11SA900HL2
23
24
25
10
10
10
35
Ω±20%
67
Ω±20%
90
Ω±20%
5
5
5
170
150
150
Chip Common Mode Choke Coil
DLp
Design Kits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com