Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1B-2022PCB Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # DF1B-2022PCB
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DF1B-2022PCB Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button DF1B-2022PCB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
B194
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
s Double Row In-line Plug (Simple Lock Type)
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 contacts connector contains the concave portion to prevent miss-insertion in the center at one point, which is different
from the above figure.
Note 1.The installation hole size C according to panel board thickness.
Note 2.Fabricate installation holes so that no burr can occur.
Note 3.At the panel tab portion, use the surface that will not be rounded.
Unit: mm
KApplicable Socket: DF1B-*DS-2.5RC
Contact Inserted.
B Panel Cutouts
Unit: mm
Applicable Plug
Number of
Contacts
DF1BA- 4DEP-2.5RC
DF1BA- 6DEP-2.5RC
DF1BA- 8DEP-2.5RC
DF1BA-10DEP-2.5RC
DF1BA-12DEP-2.5RC
DF1BA-14DEP-2.5RC
DF1BA-16DEP-2.5RC
DF1BA-18DEP-2.5RC
DF1BA-20DEP-2.5RC
DF1BA-22DEP-2.5RC
DF1BA-24DEP-2.5RC
DF1BA-26DEP-2.5RC
DF1BA-28DEP-2.5RC
DF1BA-30DEP-2.5RC
DF1BA-34DEP-2.5RC
4
6
8
10
12
14
16
18
20
22
24
26
28
30
34
0.5 to 1.2
Panel Board Thickness (Note 1)
C
12.7
15.2
17.7
20.2
22.7
25.2
27.7
30.2
32.7
35.2
37.7
40.2
42.7
45.2
50.2
1.3 to 1.6
13.4
15.9
18.4
20.9
23.4
25.9
28.4
30.9
33.4
35.9
38.4
40.9
43.4
45.9
50.9
1.7 to 2.0
14.1
16.6
19.1
21.6
24.1
26.6
29.1
31.6
34.1
36.6
39.1
41.6
44.1
46.6
51.6
D
8.8
11.3
13.8
16.3
18.8
21.3
23.8
26.3
28.8
31.3
33.8
36.3
38.8
41.3
46.3
Part Number
CL No.
DF1BA-20DEP-2.5RC
DF1BA-22DEP-2.5RC
DF1BA-24DEP-2.5RC
DF1BA-26DEP-2.5RC
DF1BA-28DEP-2.5RC
DF1BA-30DEP-2.5RC
DF1BA-34DEP-2.5RC
541-0727-5
541-0728-8
541-0729-0
541-0730-0
541-0731-2
541-0732-5
541-0734-0
20
22
24
26
28
30
34
22.5
25
27.5
30
32.5
35
40
28.6
31.1
33.6
36.1
38.6
41.1
46.1
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1BA- 4DEP-2.5RC
DF1BA- 6DEP-2.5RC
DF1BA- 8DEP-2.5RC
DF1BA-10DEP-2.5RC
DF1BA-12DEP-2.5RC
DF1BA-14DEP-2.5RC
DF1BA-16DEP-2.5RC
DF1BA-18DEP-2.5RC
541-0719-7
541-0720-6
541-0721-9
541-0722-1
541-0723-4
541-0724-7
541-0725-0
541-0726-2
4
6
8
10
12
14
16
18
2.5
5
7.5
10
12.5
15
17.5
20
8.6
11.1
13.6
16.1
18.6
21.1
23.6
26.1
Yes
Number of Contacts
A
B
RoHS
Panel
Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com