Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNY375D Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TNY375D
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY375D Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TNY375D Datasheet HTML 9Page - Power Integrations, Inc. TNY375D Datasheet HTML 10Page - Power Integrations, Inc. TNY375D Datasheet HTML 11Page - Power Integrations, Inc. TNY375D Datasheet HTML 12Page - Power Integrations, Inc. TNY375D Datasheet HTML 13Page - Power Integrations, Inc. TNY375D Datasheet HTML 14Page - Power Integrations, Inc. TNY375D Datasheet HTML 15Page - Power Integrations, Inc. TNY375D Datasheet HTML 16Page - Power Integrations, Inc. TNY375D Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Rev. C 09/12
13
TNY375-380
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 17
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
BP/M Pin Charge
Current
I
CH1
V
BP/M = 0 V,
T
J = 25 °C
See Note D, E
TNY375-378
-8.3
-5.4
-2.5
mA
TNY379-380
-9.7
-7.1
-3.9
I
CH2
V
BP/M = 4 V,
T
J = 25 °C
See Note D, E
TNY375-378
-5
-3.5
-1.5
TNY379-380
-6.6
-4.8
-2.1
BP/M Pin Voltage
V
BP/M
See Note D
5.6
5.85
6.15
V
BP/M Pin Voltage
Hysteresis
V
BP/MH
0.80
0.95
1.20
V
BP/M Pin Shunt
Voltage
V
SHUNT
I
BP = 2 mA
6.0
6.4
6.7
V
EN/UV Pin Line Under-
voltage Threshold
I
LUV
T
J = 25 °C
22.5
25
27.5
mA
Circuit Protection
Peak Current Limit
(BP/M Capacitor =
0.1 mF) See Note E
I
LIMITPEAK
di/dt = 72 mA/ms
T
J = 25 °C
See Note F
TNY375P
330
355
380
mA
TNY375G/D
330
355
387
di/dt = 91 mA/ms
T
J = 25 °C
See Note F
TNY376P
423
455
487
TNY376G/D
423
455
496
di/dt = 117 mA/ms
T
J = 25 °C
See Note F
TNY377P
544
585
626
TNY377G
544
585
638
di/dt = 143 mA/ms
T
J = 25 °C
See Note F
TNY378P
665
715
765
TNY378G
665
715
779
di/dt = 169 mA/ms
T
J = 25 °C
See Note F
TNY379P
786
845
904
TNY379G
786
845
921
di/dt = 195 mA/ms
T
J = 25 °C
See Note F
TNY380P
907
975
1043
TNY380G
907
975
1063
Peak Current Limit
(BP/M Capacitor =
1 mF) See Note E
I
LIMITPEAKred
di/dt = 72 mA/ms
T
J = 25 °C
See Note F
TNY375P
302
325
361
mA
TNY375G/D
302
325
367
di/dt = 91 mA/ms
T
J = 25 °C
See Note F
TNY376P
330
355
391
TNY376G/D
330
355
401
di/dt = 117 mA/ms
T
J = 25 °C
See Note F
TNY377P
423
455
501
TNY377G
423
455
514
di/dt = 143 mA/ms
T
J = 25 °C
See Note F
TNY378P
544
585
644
TNY378G
544
585
661
di/dt = 169 mA/ms
T
J = 25 °C
See Note F
TNY379P
665
715
787
TNY379G
TNY380GN
665
715
808
di/dt = 195 mA/ms
T
J = 25 °C
See Note F
TNY380P
TNY380G
786
845
930
786
845
955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com