Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.2 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP2985IM5-3.2
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-3.2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2985IM5-3.2 Datasheet HTML 4Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 5Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 6Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 7Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 8Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 9Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 10Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 11Page - Texas Instruments LP2985IM5-3.2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LP2985-N
SNVS018V – MARCH 2000 – REVISED JUNE 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) +1, TA = 25°C, ON/OFF pin is tied to VIN.
Dropout Voltage vs Temperature
Input Current vs Pin
Figure 21.
Figure 22.
GND Pin Current vs Temperature
Instantaneous Short Circuit Current
Figure 23.
Figure 24.
Load Transient Response
Load Transient Response
Figure 25.
Figure 26.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com