Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.2/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.2/NOPB
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-3.2/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP2985IM5-3.2/NOPB Datasheet HTML 18Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 19Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 20Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 21Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 22Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 23Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 24Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 25Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 8
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LP2985ITLX-3.3/NOPB
ACTIVE
DSBGA
YZR
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985ITP-2.5/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITP-2.6/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITP-2.7/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985ITP-2.8/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITP-2.9/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITP-3.0/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITP-3.3/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITP-5.0/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITPX-2.6/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985ITPX-2.7/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985ITPX-2.8/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985ITPX-2.9/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985ITPX-3.0/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985ITPX-3.3/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985ITPX-5.0/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com