| Electronic Components Datasheet Search |
|
A40MX02-PL100I Datasheet(PDF) 21 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
A40MX02-PL100I Datasheet(HTML) 21 Page - Microsemi Corporation |
|
21 / 142 page ![]() 40MX and 42MX FPGA Families Re vi s i on 11 1 - 17 tSTG Storage Temperature –65 to +150 °C Note: *Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Devices should not be operated outside the Recommended Operating Conditions. Table 1-7 • Absolute Maximum Ratings for 42MX Devices* Symbol Parameter Limits Units VCCI DC Supply Voltage for I/Os –0.5 to +7.0 V VCCA DC Supply Voltage for Array –0.5 to +7.0 V VI Input Voltage –0.5 to VCCI+0.5 V VO Output Voltage –0.5 to VCCI+0.5 V tSTG Storage Temperature –65 to +150 °C Note: *Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Devices should not be operated outside the Recommended Operating Conditions. Table 1-8 • Recommended Operating Conditions Parameter Commercial Industrial Military Units Temperature Range* 0 to +70 –40 to +85 –55 to +125 °C VCC (40MX) 4.75 to 5.25 4.5 to 5.5 4.5 to 5.5 V VCCA (42MX) 4.75 to 5.25 4.5 to 5.5 4.5 to 5.5 V VCCI (42MX) 4.75 to 5.25 4.5 to 5.5 4.5 to 5.5 V Note: *Ambient temperature (TA) is used for commercial and industrial grades; case temperature (TC) is used for military grades. Table 1-6 • Absolute Maximum Ratings for 40MX Devices* Symbol Parameter Limits Units |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |