Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ERG5F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERG5F
Description  Metal (Oxide) Film Re sis tors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERG5F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERG5F Datasheet HTML 1Page - Panasonic Semiconductor ERG5F Datasheet HTML 2Page - Panasonic Semiconductor ERG5F Datasheet HTML 3Page - Panasonic Semiconductor ERG5F Datasheet HTML 4Page - Panasonic Semiconductor ERG5F Datasheet HTML 5Page - Panasonic Semiconductor ERG5F Datasheet HTML 6Page - Panasonic Semiconductor ERG5F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors
Product Code
ERX
Metal Film
Resistors
12
1
2
3
5
0.5 W
1 W
2 W
3 W
5 W
Power Rating at 70 °C
S
F
Small size
0.5 W to 5 W
Small size Anti-heat
conducting type
(Fe lead wire)
1 W to 5 W
Style · Specification
J
G
±5 %
±2 %
Resistance
Tolerance
Resistance Value
1
2
3
4
5
6
7
8
9
10
11
12
···
···P
···V
U···V
···E
W···E
··H
S···E
Straight lead wire type
Cut & Forming type
Axial taping type (Straight lead)
Axial taping type (Stand off)
Radial taping type (E type)
Radial taping type (WE type)
Cut & Forming type
Radial taping type (SE type)
The first two digits are significant figures
of resistance and the third one denotes
number of zeros following.
Decimal point is expressed by
(Ex.) 1R0 : 1.0
ERX12S
±5 %
0.10 to 0.18
0.20 to 9.1
±2 %
0.10 to 0.91
1.0 to 9.1
ERX1S
±5 %
0.10 to 0.18
0.20 to 9.1
ERX1F
±2 %
0.10 to 0.91
1.0 to 9.1
ERX2S
±5 %
0.10 to 0.20
0.22 to 9.1
ERX2F
±2 %
0.10 to 0.91
1.0 to 9.1
ERX3S
±5 %
0.10 to 0.20
0.22 to 9.1
ERX3F
±2 %
0.10 to 0.91
1.0 to 9.1
ERX5S
±5 %
0.33 to 9.1
ERX5F
±2 %
1.0 to 9.1
Type
Resistance
Resistance Value Range ( )
Tolerance
ERX
SZ
ERX
S
Forming / Packaging
The matrix of forming and packaging is as shown in the table below.
“Z” is added according to resistance.
Forming & Taping matrix
Code
12S 1S 2S 3S 5S 1F 2F 3F 5F
Product Code
ERG
Metal Oxide
Film Resistors
12
1
2
3
5
0.5 W
1 W
2 W
3 W
5 W
Power Rating at 70 °C
S
F
Small size
0.5 W to 5 W
Small size Anti-heat
conducting type
(Fe lead wire)
1 W to 5 W
Style · Specification
J
G
±5 %
±2 %
Resistance
Tolerance
Resistance Value
1
2
3
4
5
6
7
8
9
10
11
12
···
···P
···V
U···V
···E
W···E
···H
S···E
Straight lead wire type
Cut & Forming type
Axial taping type(Straight lead)
Axial taping type(Stand off)
Radial taping type(E type)
Radial taping type(WE type)
Cut & Forming type
Radial taping type(SE type)
The first two digits are significant figures
of resistance and the third one denotes
number of zeros following.
Decimal point is expressed by
(Ex.) 103 : 10 k
Forming / Packaging
The matrix of forming and packaging is as shown in the table below.
Forming & Taping matrix
Code
12S 1S 2S 3S 5S 1F 2F 3F 5F
Metal (Oxide) Film Resistors
Type:
ERG(X)S (Small size)
(0.5 W, 1 W, 2 W, 3 W, 5 W)
ERG(X)F (Anti-heat conducting for PCB)
(1 W, 2 W, 3 W, 5 W)
Features
● Miniaturized
50 % smaller compared to existing models
● Non-flammable
● High Reliability
● Automatic Insertion
● Reference Standards
IEC 60115-2, IEC 60115-4, JIS C 5201-4, EIAJ RC-2138
● RoHS compliant
Explanation of Part Numbers
Ex.1 : ERX type
The above example 1 shows a small metal film resistor, 2 W power rating, resistance value of 1.0
Ω, tolerance ±5 %, and package of radial taping.
Ex.2 : ERG type
The above example 2 shows a small metal oxide film resistor, 2 W power rating, resistance value of 10 k
Ω, tolerance ±5 %, and package of radial taping.
Aug. 2012
01
50


Similar Part No. - ERG5F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG5F PANASONIC-ERG5F Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
More results

Similar Description - ERG5F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
ERX-1SJ3R3 PANASONIC-ERX-1SJ3R3 Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
Carbon Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com