Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100RCT6BTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F100RCT6BTR
Description  High-density value line, advanced ARM-based 32-bit MCU
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100RCT6BTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F100RCT6BTR Datasheet HTML 73Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 74Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 75Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 76Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 77Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 78Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 79Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 80Page - STMicroelectronics STM32F100RCT6BTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
Doc ID 15081 Rev 7
77/98
Figure 29.
I2C bus AC waveforms and measurement circuit
1.
Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD.
Table 49.
SCL frequency (fPCLK1= 24 MHz, VDD = 3.3 V)
(1)(2)
1.
RP = External pull-up resistance, fSCL = I
2C speed,
2.
For speeds around 400 kHz, the tolerance on the achieved speed is of
±2%. For other speed ranges, the
tolerance on the achieved speed
±1%. These variations depend on the accuracy of the external
components used to design the application.
fSCL (kHz)
(3)
3.
Guaranteed by design, not tested in production.
I2C_CCR value
RP = 4.7 kΩ
400
0x8011
300
0x8016
200
0x8021
100
0x0064
50
0x00C8
20
0x01F4
DLG
6WDUW
6'$

N
,ð&EXV
N

9''
9''
670)[
6'$
6&/
WI 6'$
WU 6'$
6&/
WK 67$
WZ 6&/+
WZ 6&//
WVX 6'$
WU 6&/
WI 6&/
WK 6'$
6WDUWUHSHDWHG
6WDUW
WVX 67$
WVX 672
6WRS
WVX 67267$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com