Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF18NM80 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF18NM80
Description  N-channel 800 V, 0.25 Ω, 17 A, MDmes Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18NM80 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF18NM80 Datasheet HTML 3Page - STMicroelectronics STF18NM80 Datasheet HTML 4Page - STMicroelectronics STF18NM80 Datasheet HTML 5Page - STMicroelectronics STF18NM80 Datasheet HTML 6Page - STMicroelectronics STF18NM80 Datasheet HTML 7Page - STMicroelectronics STF18NM80 Datasheet HTML 8Page - STMicroelectronics STF18NM80 Datasheet HTML 9Page - STMicroelectronics STF18NM80 Datasheet HTML 10Page - STMicroelectronics STF18NM80 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STB18NM80, STF18NM80, STP18NM80, STW18NM80
Electrical characteristics
Doc ID 15421 Rev 5
7/21
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Normalized BVDSS vs temperature
Figure 11.
Static drain-source on-resistance
Figure 12.
Gate charge vs gate-source voltage Figure 13.
Capacitance variations
ID
20
10
0
0
10
VDS(V)
20
(A)
5
15
30
40
VGS=10V
5V
6V
7V
35
25
15
5
ID
20
10
5
0
0
4
VGS(V)
8
(A)
2
6
10
30
35
15
25
VDS=20V
40
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.95
0.98
1.00
1.03
1.06
I
D=1mA
RDS(on)
0.22
0.2
0
10
ID(A)
(
Ω)
5
15
0.24
0.28
VGS=10V
0.26
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=640V
ID=17A
12
300
200
100
0
400
500
VDS
VGS
600
700
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
100000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com