Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI4N62K3 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STI4N62K3
Description  N-channel 620 V, 1.7 Ω typ., 3.8 A SuperMESH3 Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI4N62K3 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STI4N62K3 Datasheet HTML 11Page - STMicroelectronics STI4N62K3 Datasheet HTML 12Page - STMicroelectronics STI4N62K3 Datasheet HTML 13Page - STMicroelectronics STI4N62K3 Datasheet HTML 14Page - STMicroelectronics STI4N62K3 Datasheet HTML 15Page - STMicroelectronics STI4N62K3 Datasheet HTML 16Page - STMicroelectronics STI4N62K3 Datasheet HTML 17Page - STMicroelectronics STI4N62K3 Datasheet HTML 18Page - STMicroelectronics STI4N62K3 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STF4N62K3, STFI4N62K3, STI4N62K3, STP4N62K3, STU4N62K3
18/19
Doc ID 17548 Rev 4
5
Revision history
Table 14.
Document revision history
Date
Revision
Changes
05-May-2010
1
First release
16-Dec-2010
2
Document status promoted from preliminary data to datasheet.
27-Mar-2012
3
Inserted max and min. values for RG in Table 5.
Updated
Section 4: Package mechanical data.
07-Aug-2012
4
Added package, mechanical data: I²PAKFP.
Updated
Table 1: Device summary, Table 2: Absolute maximum
ratings, Table 3: Thermal data, Table 4: On /off states, Table 13: IPAK
(TO-251) mechanical data and Figure 29: IPAK (TO-251) drawing
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com