Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S005C6T6CTR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8S005C6T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6CTR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8S005C6T6CTR Datasheet HTML 56Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 57Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 58Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 59Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 60Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 61Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 62Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 63Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
Unit
Max at
85
°C
(1)
Typ
Conditions
Parameter
Symbol
Clock source
Flash mode
(3)
Main
voltage
regulator
(MVR)
(2)
120
68
LSI RC osc.
(128 kHz)
Operating mode
Off
60
12
Power-down
mode
(1) Data based on characterization results, not tested in production.
(2) Configured by the REGAH bit in the CLK_ICKR register.
(3) Configured by the AHALT bit in the FLASH_CR1 register.
Table 24: Total current consumption in active halt mode at VDD = 3.3 V
Unit
Max at
85
°C
(1)
Typ
Conditions
Parameter
Symbol
Clock source
Flash mode
(3)
Main
voltage
regulator
(MVR)
(2)
µA
680
HSE crystal osc.
(16 MHz)
Operating
mode
On
Supply
current in
active halt
mode
IDD(AH)
320
200
LSI RC osc.
(128 kHz)
630
HSE crystal osc.
(16 MHz)
Power-down
mode
270
140
LSI RC osc.
(128 kHz)
120
66
LSI RC osc.
(128 kHz)
Operating
mode
Off
60
10
Power-down
mode
DocID022186 Rev 3
60/103
STM8S005K6 STM8S005C6
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com