Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99H01XP Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99H01XP
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01XP Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99H01XP Datasheet HTML 45Page - STMicroelectronics L99H01XP Datasheet HTML 46Page - STMicroelectronics L99H01XP Datasheet HTML 47Page - STMicroelectronics L99H01XP Datasheet HTML 48Page - STMicroelectronics L99H01XP Datasheet HTML 49Page - STMicroelectronics L99H01XP Datasheet HTML 50Page - STMicroelectronics L99H01XP Datasheet HTML 51Page - STMicroelectronics L99H01XP Datasheet HTML 52Page - STMicroelectronics L99H01XP Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
L99H01
52/53
DocID15567 Rev 5
7
Revision history
Table 50. Document revision history
Date
Revision
Changes
17-Apr-2009
1
Initial release.
19-Aug-2009
2
Updated corporate template from V3 to V3.1
Updated Figure 4.
Removed items 17.16, 17.18 and 17.20 of the Table 18: Current sense
amplifier.
Added Table 15: Cross current protection time
Table 18: Current sense amplifier.
–VIOFF50, VIOFF20, VIOFF10: added min/typ/max value,
deleted “Tj = 25 °C“ for test condition
–VIOFF-T50/ΔT: changed symbol (it was VIOFF-T50), updated whole
row.
–VIOFF-T20/ΔT: changed symbol (it was VIOFF-T20), updated whole
row.
–VIOFF-T10/ΔT: changed symbol (it was VIOFF-T10), updated whole
row.
–VIOFF-50, VIOFF-20, VIOFF-10: added min/typ/max value
–Gain50, Gain20, Gain10: added min/typ/max value
– Setting time: deleted row
Added Figure 5: Output timing diagram (passive free wheeling)
Updated Table 23: Truth table.
Updated Section 3.9, Section 3.11, Section 3.12.1 and Section 3.12.2.
Table 30: STK_RESET_Q: changed title (it was “Global status byte”)
Updated Section 4.4.1 and Section 4.6.1.
Updated Table 43.
20-Apr-2010
3
Updated the CP value in Table 4: Absolute maximum ratings
30-Apr-2012
4
Table 9: Supply:
VVS_OV1: : changed symbol (it was VVS_OVH1)
VVS_OV1H: : changed symbol (it was VVS_OVH1)
VVS_OV2: : changed symbol (it was VVS_OVH2)
VVS_OV2H: : changed symbol (it was VVS_OVH2)
VVS_UV: : changed symbol (it was VVS_UVH)
Updated Section 3.6: Overvoltage and undervoltage detection and
Section 3.7: Charge pump
Section 4.6.1: Description of the data byte:
– updated OV_UV_RD bit description
Table 48: PowerSSO-36 mechanical data:
– L: updated values
21-Jun-2013
5
Updated Table 17: Thermal sense interface (4.5 V < VCC < 5.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com