Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3DSHTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS3DSHTR
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSHTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS3DSHTR Datasheet HTML 32Page - STMicroelectronics LIS3DSHTR Datasheet HTML 33Page - STMicroelectronics LIS3DSHTR Datasheet HTML 34Page - STMicroelectronics LIS3DSHTR Datasheet HTML 35Page - STMicroelectronics LIS3DSHTR Datasheet HTML 36Page - STMicroelectronics LIS3DSHTR Datasheet HTML 37Page - STMicroelectronics LIS3DSHTR Datasheet HTML 38Page - STMicroelectronics LIS3DSHTR Datasheet HTML 39Page - STMicroelectronics LIS3DSHTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Register description
LIS3DSH
36/53
Doc ID 022405 Rev 1
8.9
OUT_T (0Ch)
Temperature output register. Temperature data (1LSB/deg - 8-bit resolution). The value is
expressed as two's complement.
8.10
OFF_X (10h)
Offset correction X-axis register,signed value.
8.11
OFF_Y (11h)
Offset correction Y-axis register, signed value.
8.12
OFF_Z (12h)
Offset correction Z-axis register, signed value.
YDA
Y axis new data available. Default value: 0
0=a new data for the Y-axis is not yet available;
1=a new data for the Y-axis is available
XDA
X axis new data available. Default value: 0
0=a new data for the X-axis is not yet available;
1=a new data for the X-axis is available
Table 31.
Status register description (continued)
Table 32.
OUT_T register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 33.
OUT_T register description
Temp7-Temp0
Temperature data.
Table 34.
Offset X default value
0
000
00
00
Table 35.
Offset Y default value
0
000
00
00
Table 36.
Offset Z default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53