Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBJ5.0ACA Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMBJ5.0ACA
Description  Stand off voltage range: from 5 V to 188 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ5.0ACA Datasheet(HTML) 1 Page - STMicroelectronics

  SMBJ5.0ACA Datasheet HTML 1Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 2Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 3Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 4Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 5Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 6Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 7Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 8Page - STMicroelectronics SMBJ5.0ACA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2010
Doc ID 5616 Rev 10
1/10
10
SMBJ
Transil™
Features
■ Peak pulse power:
– 600 W (10/1000
μs)
– 4 kW (8/20 µs)
■ Stand off voltage range: from 5 V to 188 V
■ Unidirectional and bidirectional types
■ Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ Operating Tjmax: 150 °C
■ High power capability at Tjmax:
– 515 W (10/1000 µs)
■ JEDEC registered package outline
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-5
■ MIL STD 883G, method 3015-7 Class 3B:
– 25 kV HBM (human body model)
■ Resin meets UL 94, V0
■ MIL-STD-750, method 2026 soldererability
■ EIA STD RS-481 and IEC 60286-3 packing
■ IPC 7531 footprint
Description
The SMBJ Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2, and
MIL STD 883, method 3015, and electrical over
stress according to IEC 61000-4-4 and 5. These
devices are more generally used against surges
below 600 W (10/1000
μs).
Planar technology makes these devices suitable
for high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
SMBJ are packaged in SMB (SMB footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SMBJ5.0ACA

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5.0A JGD-SMBJ5.0A Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ5.0A DCCOM-SMBJ5.0A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ5.0A EIC-SMBJ5.0A Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ5.0A GE-SMBJ5.0A Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ5.0A MCC-SMBJ5.0A Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ5.0ACA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
Stand-off Voltage 5.0 to 188V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
Shanghai Shunye Electro...
SMM4F SHUNYE-SMM4F Datasheet
285Kb / 5P
Stand off voltage range - from 5 V to 33 V
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
STMicroelectronics
SMX1J STMICROELECTRONICS-SMX1J Datasheet
194Kb / 11P
Stand off voltage 7.5 V
27-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com